Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK3771-17RLFTR Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # MK3771-17RLFTR
Description  VCXO and HDTV Set-Top Clock Source
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK3771-17RLFTR Datasheet(HTML) 8 Page - Integrated Circuit Systems

  MK3771-17RLFTR Datasheet HTML 1Page - Integrated Circuit Systems MK3771-17RLFTR Datasheet HTML 2Page - Integrated Circuit Systems MK3771-17RLFTR Datasheet HTML 3Page - Integrated Circuit Systems MK3771-17RLFTR Datasheet HTML 4Page - Integrated Circuit Systems MK3771-17RLFTR Datasheet HTML 5Page - Integrated Circuit Systems MK3771-17RLFTR Datasheet HTML 6Page - Integrated Circuit Systems MK3771-17RLFTR Datasheet HTML 7Page - Integrated Circuit Systems MK3771-17RLFTR Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
VCXO and HDTV Set-Top Clock Source
MDS 3771-17 C
8
Revision 083104
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
MK3771-17
Package Outline and Package Dimensions (28-pin SSOP, 150 mil Body, 0.025 mm Pitch)
Package dimensions are kept current with JEDEC Publication No. 95, MO-153
Ordering Information
“LF” denotes Pb (lead) free package.
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would
result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any
circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or
critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
MK3771-17R
MK3771-17R
Tubes
28-pin SSOP
0 to +70
°C
MK3771-17RTR
MK3771-17R
Tape and Reel
28-pin SSOP
0 to +70
°C
MK3771-17RLF
MK3771-17RLF
Tubes
28-pin SSOP
0 to +70
°C
MK3771-17RLFTR
MK3771-17RLF
Tape and Reel
28-pin SSOP
0 to +70
°C
INDEX
AREA
1 2
28
D
E1
E
SEATING
PLANE
A
1
A
A
2
e
- C -
b
aaa C
c
L
Millimeters
Inches
Symbol
Min
Max
Min
Max
A
1.351.75.053
.069
A1
0.10
0.25
.0040
.010
A2
--
1.50
--
.059
b
0.200.30.008
.012
C
0.180.25.007
.010
D
9.80
10.00
.386
.394
E
5.806.20.228
.244
E1
3.80
4.00
.150
.157
e
0.635 Basic
0.025 Basic
L
0.401.27.016
.050
α
0
°
8
°
0
°
8
°
aaa
--
0.10
--
0.004


Similar Part No. - MK3771-17RLFTR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK3771-17RLFTR RENESAS-MK3771-17RLFTR Datasheet
389Kb / 10P
   VCXO AND HDTV SET-TOP CLOCK SOURCE
051310
More results

Similar Description - MK3771-17RLFTR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK3771-17 RENESAS-MK3771-17 Datasheet
389Kb / 10P
   VCXO AND HDTV SET-TOP CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
ICS627-01 ICST-ICS627-01 Datasheet
42Kb / 4P
   HDTV Set-Top Clock Source
MK2771-15 ICST-MK2771-15 Datasheet
64Kb / 4P
   VCXO and Set-Top Clock Source
logo
Renesas Technology Corp
MK2771-15 RENESAS-MK2771-15 Datasheet
340Kb / 8P
   VCXO AND SET-TOP CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
MK2771-13 ICST-MK2771-13 Datasheet
62Kb / 4P
   VCXO and Set-Top Clock Source
MK2772-01 ICST-MK2772-01 Datasheet
64Kb / 4P
   VCXO and Set-Top Clock Source
logo
Renesas Technology Corp
MK2771-16 RENESAS-MK2771-16 Datasheet
346Kb / 8P
   VCXO AND SET-TOP CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
MK2771-12 ICST-MK2771-12 Datasheet
69Kb / 4P
   VCXO and Set-Top Clock Source
MK2771-16 ICST-MK2771-16 Datasheet
66Kb / 4P
   VCXO and Set-Top Clock Source
logo
Renesas Technology Corp
MK2772-01 RENESAS-MK2772-01 Datasheet
704Kb / 5P
   VCXO and Set-Top Clock Source
102704
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com