Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C48535-01LE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C48535-01LE
Description  3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C48535-01LE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C48535-01LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C48535-01LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C48535-01LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C48535-01LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C48535-01LE Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PI6C48535-01
3.3V Low Skew 1-to-4
LVTTL/LVCMOS to LVPECL Fanout Buffer
2
PS8735A
11/15/05
Pin Description
Name
Pin #
Type
Description
VEE
1
P
Connect to Negative power supply
CLK_EN
2
I_PU
Synchronizing clock enable. When high, clock outputs follow clock input. When low, Qx
outputs are forced low, nQx outputs are forced high. LVCMOS/LVTTL level with 50KΩ
pull up.
CLK_SEL
3
I_PD
Clock select input. When high, selects CLK1 input. When low, selects CLK0 input.
LVCMOS/LVTTL level with 50KΩ pull down.
CLK0
4
I_PD
LVCMOS / LVTTL clock input
CLK1
6
I_PD
LVCMOS / LVTTL clock input
NC
5, 7, 8, 9
No internal connection.
VCC
10, 13,
18
P
Connect to 3.3V.
Q3, nQ3
11, 12
O
Differential output pair, LVPECL interface level.
Q2, nQ2
14, 15
O
Differential output pair, LVPECL interface level.
Q1, nQ1
16, 17
O
Differential output pair, LVPECL interface level.
Q0, nQ0
19, 20
O
Differential output pair, LVPECL interface level.
Notes:
1. I = Input, O = Output, P = Power supply connection, I_PD = Input with pull down, I_PU = Input with pull up.
Pin Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
CIN
Input Capacitance
4
pF
R_pullup
Input Pullup Resistance
50
KΩ
R_pulldown
Input Pulldown Resistance
50
Control Input Function Table
Inputs
Outputs
CLK_EN
CLK_SEL
Selected Source
Q0:Q3
nQ0:nQ3
0
0
CLK0
Diasbled: Low
Diasbled: High
0
1
CLK1
Disabled: Low
Disabled: High
1
0
CLK0
Enabled
Enabled
1
1
CLK1
Enabled
Enabled
Notes:
1. After CLK_EN switches, the clock outputs are disabled or enabled following a rising and falling input clock edge as show below.


Similar Part No. - PI6C48535-01LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C48535-01LE PERICOM-PI6C48535-01LE Datasheet
400Kb / 5P
   3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
More results

Similar Description - PI6C48535-01LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C48535-01B PERICOM-PI6C48535-01B Datasheet
575Kb / 6P
   3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
logo
Integrated Device Techn...
ICS8535BI-01 IDT-ICS8535BI-01 Datasheet
368Kb / 16P
   LOW SKEW, 1-to-4 LVCMOS/LVTTL-TO- 3.3V LVPECL FANOUT BUFFER
ICS8535I-01 IDT-ICS8535I-01 Datasheet
235Kb / 16P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS8535-01 RENESAS-ICS8535-01 Datasheet
861Kb / 19P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL Fanout Buffer
2019
logo
Pericom Semiconductor C...
PI6C48535-01 PERICOM-PI6C48535-01_11 Datasheet
400Kb / 5P
   3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS8535I-01 RENESAS-ICS8535I-01 Datasheet
495Kb / 17P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL Fanout Buffer
2019
logo
Integrated Circuit Syst...
ICS8535-21 ICST-ICS8535-21 Datasheet
226Kb / 14P
   LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO-3.3V LVPECL FANOUT BUFFER
logo
Integrated Device Techn...
IDT8535-01 IDT-IDT8535-01 Datasheet
75Kb / 11P
   LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS8535-01 ICST-ICS8535-01 Datasheet
115Kb / 12P
   LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Micrel Semiconductor
SY898535L MICREL-SY898535L Datasheet
267Kb / 7P
   Precision Differential 3.3V, Low Skew, 1:4 LVCMOS/LVTTL -to-LVPECL Fanout Buffer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com