Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C48535-01LE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C48535-01LE
Description  3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C48535-01LE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C48535-01LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C48535-01LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C48535-01LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C48535-01LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C48535-01LE Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PI6C48535-01
3.3V Low Skew 1-to-4
LVTTL/LVCMOS to LVPECL Fanout Buffer
3
PS8735A
11/15/05
Figure 1. CLK_EN Timing Diagram
Clock Input Function Table
Inputs
Outputs
CLK0 or CLK1
Q0:Q3
nQ0:nQ3
0
LOW
HIGH
1
HIGH
LOW
Disabled
Enabled
CLK0
CLK1
CLK_EN
nQ0:nQ3
Q0:Q3
Disabled
Enabled
Absolute Maximum Ratings
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VCC
Supply voltage
Referenced to GND
4.6
V
VIN
Input voltage
Referenced to GND
-0.5
VCC+0.5V
VOUT
Output voltage
Referenced to GND
-0.5
VCC+0.5V
TSTG
Storage temperature
-65
150
oC
Notes:
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress speci
fications only and correct functional operation of the device at these or any other conditions above those listed in the operational sections of
the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
Operating Conditions
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VCC
Power Supply Voltage
3.0
3.3
3.6
V
TA
Ambient Temperature
-40
85
oC
IEE
Power Supply Current
500 MHz
60
mA


Similar Part No. - PI6C48535-01LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C48535-01LE PERICOM-PI6C48535-01LE Datasheet
400Kb / 5P
   3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
More results

Similar Description - PI6C48535-01LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C48535-01B PERICOM-PI6C48535-01B Datasheet
575Kb / 6P
   3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
logo
Integrated Device Techn...
ICS8535BI-01 IDT-ICS8535BI-01 Datasheet
368Kb / 16P
   LOW SKEW, 1-to-4 LVCMOS/LVTTL-TO- 3.3V LVPECL FANOUT BUFFER
ICS8535I-01 IDT-ICS8535I-01 Datasheet
235Kb / 16P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS8535-01 RENESAS-ICS8535-01 Datasheet
861Kb / 19P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL Fanout Buffer
2019
logo
Pericom Semiconductor C...
PI6C48535-01 PERICOM-PI6C48535-01_11 Datasheet
400Kb / 5P
   3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS8535I-01 RENESAS-ICS8535I-01 Datasheet
495Kb / 17P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL Fanout Buffer
2019
logo
Integrated Circuit Syst...
ICS8535-21 ICST-ICS8535-21 Datasheet
226Kb / 14P
   LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO-3.3V LVPECL FANOUT BUFFER
logo
Integrated Device Techn...
IDT8535-01 IDT-IDT8535-01 Datasheet
75Kb / 11P
   LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS8535-01 ICST-ICS8535-01 Datasheet
115Kb / 12P
   LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Micrel Semiconductor
SY898535L MICREL-SY898535L Datasheet
267Kb / 7P
   Precision Differential 3.3V, Low Skew, 1:4 LVCMOS/LVTTL -to-LVPECL Fanout Buffer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com