Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1156 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # B1156
Description  Silicon PNP epitaxial planar type(For power switching)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

B1156 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  B1156 Datasheet HTML 1Page - Panasonic Semiconductor B1156 Datasheet HTML 2Page - Panasonic Semiconductor B1156 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Power Transistors
2SB1156
Rth(t) —t
10–3
102
10–2
1
10–1
10
103
104
10–1
1
10
102
103
(1)
(2)
(1) P
T=10V × 0.3A (3W) and without heat sink
(2) P
T=10V × 1A (10W) and with a 100 × 100 × 2mm Al heat sink
Time t (s)


Similar Part No. - B1156

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B1150 ETC2-B1150 Datasheet
40Kb / 4P
   4.0A Low Dropout Voltage Regulator
logo
Compact Technology Corp...
B1150 CTC-B1150 Datasheet
54Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B1150 WEITRON-B1150 Datasheet
144Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Compact Technology Corp...
B1150 CTC-B1150 Datasheet
75Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Electronics ...
B1150A CHENDA-B1150A Datasheet
535Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - B1156

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB944 PANASONIC-2SB944 Datasheet
55Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB945 PANASONIC-2SB945 Datasheet
55Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB946 PANASONIC-2SB946 Datasheet
55Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB1607 PANASONIC-2SB1607 Datasheet
55Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB1154 PANASONIC-2SB1154 Datasheet
61Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB1155 PANASONIC-2SB1155 Datasheet
61Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB932 PANASONIC-2SB932 Datasheet
58Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB943 PANASONIC-2SB943 Datasheet
55Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB931 PANASONIC-2SB931 Datasheet
57Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB933 PANASONIC-2SB933 Datasheet
57Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com