Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC66D Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC66D
Description  Positive Voltage Regulators with Built - in Voltage Detect Functions
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC66D Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC66D Datasheet HTML 3Page - Torex Semiconductor XC66D Datasheet HTML 4Page - Torex Semiconductor XC66D Datasheet HTML 5Page - Torex Semiconductor XC66D Datasheet HTML 6Page - Torex Semiconductor XC66D Datasheet HTML 7Page - Torex Semiconductor XC66D Datasheet HTML 8Page - Torex Semiconductor XC66D Datasheet HTML 9Page - Torex Semiconductor XC66D Datasheet HTML 10Page - Torex Semiconductor XC66D Datasheet HTML 11Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
XC66D Series
382
3
(9) REGULATOR OUTPUT VOLTAGE vs. REGULATOR INPUT VOLTAGE
(10) INPUT/OUTPUT VOLTAGE DIFFERENTIAL vs.
REGULATOR OUTPUT CURRENT
(11) REGULATOR OUTPUT VOLTAGE vs.
AMBIENT TEMPERATURE
(12) INPUT TRANSIENT RESPONSE 1
1.9
2.1
2
2.2
2.3
2.4
1.7
2.2
2.7
Regulator Input Voltage:VIN(V)
XC66DN1922
IOUT=1mA
40mA
10mA
Topr=25℃
CIN=1
µF(tantalum), CL=1µF(tantalum)
2.10
2.20
2.15
2.25
2.30
2.35
23456789
10
Regulator Input Voltage:VIN(V)
XC66DN1922
IOUT=1mA
40mA
10mA
Topr=25℃
CIN=1
µF(tantalum), CL=1µF(tantalum)
0.0
0.4
0.2
0.6
0.8
1.0
0
20
40
60
80
100
120
Regulator Output Current:IOUT(mA)
XC66DN1922
Topr=25℃
80℃
VIN=3.2V
CIN=1
µF(tantalum), CL=1µF(tantalum)
−30℃
2.10
2.15
2.20
2.25
2.30
−40
−20
0
20406080
Ambient Temp.:Topr(℃)
XC66DN1922
VIN=3.2V
CIN=1
µF(tantalum), CL=1µF(tantalum)
IOUT=10mA
40mA
−6
0
−2
−4
2
4
6
Time(0.4msec/div)
XC66DN1922
Input Voltage
IOUT=1mA , CL=1
µF(tantalum)
0
4
3
2
1
5
6
Output Voltage
−6
0
−2
−4
2
4
6
Time(0.4msec/div)
XC66DN1922
IOUT=10mA , CL=1
µF(tantalum)
0
4
3
2
1
5
6
Input Voltage
Output Voltage
03S_11XC66D 02.9.12 3:09 PM ページ 382


Similar Part No. - XC66D

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6601 TOREX-XC6601 Datasheet
248Kb / 11P
   Low Voltage Input LDO Voltage Regulators
XC6601 TOREX-XC6601 Datasheet
624Kb / 32P
   Low Voltage Input LDO Voltage Regulators
XC6601 TOREX-XC6601 Datasheet
701Kb / 33P
   Low Voltage Input LDO Voltage Regulator with Soft-Start Function
XC6601A071EL TOREX-XC6601A071EL Datasheet
624Kb / 32P
   Low Voltage Input LDO Voltage Regulators
XC6601A071ER TOREX-XC6601A071ER Datasheet
624Kb / 32P
   Low Voltage Input LDO Voltage Regulators
More results

Similar Description - XC66D

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com