Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC66DN3850MR Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC66DN3850MR
Description  Positive Voltage Regulators with Built - in Voltage Detect Functions
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC66DN3850MR Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC66DN3850MR Datasheet HTML 2Page - Torex Semiconductor XC66DN3850MR Datasheet HTML 3Page - Torex Semiconductor XC66DN3850MR Datasheet HTML 4Page - Torex Semiconductor XC66DN3850MR Datasheet HTML 5Page - Torex Semiconductor XC66DN3850MR Datasheet HTML 6Page - Torex Semiconductor XC66DN3850MR Datasheet HTML 7Page - Torex Semiconductor XC66DN3850MR Datasheet HTML 8Page - Torex Semiconductor XC66DN3850MR Datasheet HTML 9Page - Torex Semiconductor XC66DN3850MR Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
XC66D Series
378
3
■Typical Application Circuits
■Directions for use
GNotes on Use
1. In cases where there is no capacitance (CL), or the capacitance is small, or where a capacitor with an extremely low ESR value is used (e.g.
ceramic), please use a capacitor (CL = 1.0
µF [Tantalum]) in order to stop oscillation that may occur as the phase margin becomes smaller.
2. To reduce impedance between the power supply and the IC's input pin, which in turn will stop oscillation resulting from input voltage changes,
connect a capacitor (CIN = more than 1.0
µF, ESR low) to the input side of the IC. Further, operation may become unstable and oscillation may
occur shoud impedance up to the IC's input be high (a state which could be brought about by several factors including which devices are
added to the input side, the surrounding wiring and/or the input power supply.)
Stability can be improved by regulating increases in input capacitance and by reducing impedance.
3. The regulator's input pin (VIN) and power supply pin are the same. Also, the voltage detector's power supply and the voltage regulator's power
supply are the same. Therefore, to have the voltage detector operating normally, it is necessary to apply a voltage larger than the minimum
operating voltage (1.5V) to the power supply input pin (VIN).
4. With CMOS output, the detector's output voltage equals the regulator's output voltage following release. Possible changes in the regulator's
output voltage (VROUT), following regulator load changes, will be output at the detector's output pin (VDOUT).
5. As the operations of the detector will momentarily respond when steep rise and fall time voltages are input at the power supply pin (VIN),
please ensure that the VIN(VDIN) pin's input frequency's rise and fall time is more than 5
µ sec/V.
6. When using with the detector input pin (VDIN) connected to the regulator output pin (VOUT), the detector will momentarily respond as a result of
transient output voltage changes brought about by the regulator's load changes. With large load currents and/or large load transitions from
1mA to 80mA for example, output voltage will momentarily drop, so please add a capacitor where CL=more than 4.7mF.
CMOS Output (High Level =VOUT)
N-ch Open Drain
VOUT
VIN
VSS
VDIN
VDOUT
1
µF
100k
1
µF
VOUT
VIN
VSS
VDIN
VDOUT
1
µF
1
µF
(Tantalum)
(Tantalum)
(Tantalum)
(Tantalum)
03S_11XC66D 02.9.12 3:09 PM ページ 378


Similar Part No. - XC66DN3850MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6601 TOREX-XC6601 Datasheet
248Kb / 11P
   Low Voltage Input LDO Voltage Regulators
XC6601 TOREX-XC6601 Datasheet
624Kb / 32P
   Low Voltage Input LDO Voltage Regulators
XC6601 TOREX-XC6601 Datasheet
701Kb / 33P
   Low Voltage Input LDO Voltage Regulator with Soft-Start Function
XC6601A071EL TOREX-XC6601A071EL Datasheet
624Kb / 32P
   Low Voltage Input LDO Voltage Regulators
XC6601A071ER TOREX-XC6601A071ER Datasheet
624Kb / 32P
   Low Voltage Input LDO Voltage Regulators
More results

Similar Description - XC66DN3850MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com