Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC66DC2533ML Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC66DC2533ML
Description  Positive Voltage Regulators with Built - in Voltage Detect Functions
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC66DC2533ML Datasheet(HTML) 1 Page - Torex Semiconductor

  XC66DC2533ML Datasheet HTML 1Page - Torex Semiconductor XC66DC2533ML Datasheet HTML 2Page - Torex Semiconductor XC66DC2533ML Datasheet HTML 3Page - Torex Semiconductor XC66DC2533ML Datasheet HTML 4Page - Torex Semiconductor XC66DC2533ML Datasheet HTML 5Page - Torex Semiconductor XC66DC2533ML Datasheet HTML 6Page - Torex Semiconductor XC66DC2533ML Datasheet HTML 7Page - Torex Semiconductor XC66DC2533ML Datasheet HTML 8Page - Torex Semiconductor XC66DC2533ML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Positive Voltage Regulators with Built‐in Voltage Detect Functions
Series
373
3
■General Description
■Features
■Applications
■Typical Application Circuit
■Typical Performance
Characteristic
The XC66D series consists of a voltage detector and voltage regulator
built into the one chip and is, essentially, a voltage regulator with voltage
detect capabilities.
Low power consumption and high accuracy is achieved through CMOS
and laser trimming technologies.
The detector features an output driver, hysteresis circuit, comparator and
extremely accurate standard voltage.
The regulator features an error amplification circuit, output driver with
current limiter functions, minimal input-output voltage differential and
similary accurate standard voltage.
SOT-25 (150mW) package is available.
GBattery use
GBattery life & charge detection
GMemory battery back-up circuits
GMicroprocessor reset circuitry
GPower failure detection
GVoltage Sources Reference
GCameras, Video Cameras
GVarious Portable Devices
NCMOS
NMaximum Output Current : 100mA(VOUT=5.0V)
NHighly Accurate Output Voltage : ±2%
NOutput Voltage Range
: 2.0V~ 6.0V
NHighly Accurate Voltage Detection : ±2%
NNo Load Supply Current : 3.2µA(5.0V)
NSOT-25 Package
100k
VOUT
VIN
VSS
VDIN
VDOUT
1
µF
1
µF
(Tantalum)
(Tantalum)
0
2
1
3
4
5
0123456789
10
Input Voltage:VIN , VDIN(V)
XC66DN1922
Topr=80℃
25℃
−30℃
VIN=VDIN
Maximum Output Current
: 100mA (Within max.
continuous total power
dissipation, VOUT=5.0V)
Output Voltage Range
: 2.0V ~ 6.0V (0.1V steps,
Standard 5.0V)
Highly Accurate Output Voltage : Fixed voltage accuracy ±2%
Output Voltage Temperature Characteristics
: Typ. ±100ppm/°C
Detect Voltage Range
: 1.8V ~ 6.0V (0.1V steps)
Highly Accurate Detect Voltage : Fixed voltage accuracy ±2%
Low Power Consumption
: Typ. 3.2
µA (VOUT= 5.0V)
Detect Voltage Temperature Characteristics
: Typ. ±100ppm/°C
Detect Voltage Output Configuration
: N-ch open drain
CMOS (High level =VOUT)
Input Stability
: Typ. 0.1%/V
Ultra Small Packages
: SOT- 25 (150mW) mini-mold
03S_11XC66D 02.9.12 3:09 PM ページ 373


Similar Part No. - XC66DC2533ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6601 TOREX-XC6601 Datasheet
248Kb / 11P
   Low Voltage Input LDO Voltage Regulators
XC6601 TOREX-XC6601 Datasheet
624Kb / 32P
   Low Voltage Input LDO Voltage Regulators
XC6601 TOREX-XC6601 Datasheet
701Kb / 33P
   Low Voltage Input LDO Voltage Regulator with Soft-Start Function
XC6601A071EL TOREX-XC6601A071EL Datasheet
624Kb / 32P
   Low Voltage Input LDO Voltage Regulators
XC6601A071ER TOREX-XC6601A071ER Datasheet
624Kb / 32P
   Low Voltage Input LDO Voltage Regulators
More results

Similar Description - XC66DC2533ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com