Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRA08C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CRA08C
Description  Thick Film, Resistor Array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRA08C Datasheet(HTML) 2 Page - Vishay Siliconix

  CRA08C Datasheet HTML 1Page - Vishay Siliconix CRA08C Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.vishay.com
7
Document Number 20030
Revision 13-Feb-02
CRA08C
Vishay Dale
For Technical Questions, contact: ff2aresistors@vishay.com
Thick Film, Resistor Array
TEST
CONDITIONS OF TEST
TEST RESULTS
Endurance Test at 70
°C
1000 hour at 70
°C, 1.5 hours "ON", 0.5 hours "OFF"
± 3.0%
per EIA 575
Overload
Short time overload
± 2.0% ∆R
per EIA 575
Thermal Shock
per EIA 575-3.5
± 1.0% ∆R
Moisture Resistance
per EIA 575-3.10
± 3.0% ∆R
Resistance to Soldering Heat
10 seconds at 260
°C solder bath temperature
± 2.0%
EIA 575
High Temperature Exposure
per EIA 575-3.7
± 3.0% ∆R
Low Temperature Operations
per EIA-575-3.6
± 1.0% ∆R
Solderability & Leaching
EIA 575-3.12
95% Coverage
Termination Adhesion
EIA-575
0.5Kg
PERFORMANCE
a
L
b
W
t
DIMENSIONS in millimeters
8 Terminal package shown
MODEL
L
W
t
a
b
c
d
p
CRA08C
4.0
± 0.2
2.1
± 0.2
0.6
± 0.1
0.25
± 0.2
0.5
± 0.2
0.4
± 0.2
0.3
± 0.2
[0.80]
Derating
- 55
-25
0
25
50
75
100
125
150
170
Ambient Temperature
°C
120
100
80
60
40
20
0
70
02 SCHEMATIC
1 03
p
b


Similar Part No. - CRA08C

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
CRA024R UNIOHM-CRA024R Datasheet
1Mb / 2P
   Thick Film Chip Resistors Arrays (Convex)
logo
Vishay Siliconix
CRA04P VISHAY-CRA04P Datasheet
107Kb / 4P
   Thick Film, Resistor Array
Revision: 09-Jan-07
CRA04P VISHAY-CRA04P Datasheet
89Kb / 4P
   Thick Film Chip Resistor Array
Revision: 24-Jun-13
CRA04P VISHAY-CRA04P Datasheet
93Kb / 4P
   Thick Film Chip Resistor Array
Revision: 24-Jun-13
CRA04P0803000GPZE3 VISHAY-CRA04P0803000GPZE3 Datasheet
107Kb / 4P
   Thick Film, Resistor Array
Revision: 09-Jan-07
More results

Similar Description - CRA08C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRA06S083100RJTA VISHAY-CRA06S083100RJTA Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04P VISHAY-CRA04P Datasheet
107Kb / 4P
   Thick Film, Resistor Array
Revision: 09-Jan-07
CRA12E VISHAY-CRA12E Datasheet
173Kb / 5P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04S VISHAY-CRA04S_08 Datasheet
162Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA06P VISHAY-CRA06P Datasheet
196Kb / 4P
   Thick Film Resistor Array
Revision 25-Jul-05
CRA06S08310K0JTA VISHAY-CRA06S08310K0JTA Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA06P VISHAY-CRA06P_08 Datasheet
132Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04S VISHAY-CRA04S Datasheet
142Kb / 2P
   Thick Film, Resistor Array
Revision 03-Sep-03
CRA06E VISHAY-CRA06E Datasheet
289Kb / 2P
   Thick Film, Resistor Array
Revision 22-Jan-03
CRA04S VISHAY-CRA04S_17 Datasheet
120Kb / 4P
   Thick Film Chip Resistor Array
Revison: 23-Feb-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com