Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5231-3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS5231-3
Description  500 mA, 3.3 V Linear Regulator with Auxiliary Control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5231-3 Datasheet(HTML) 1 Page - ON Semiconductor

  CS5231-3 Datasheet HTML 1Page - ON Semiconductor CS5231-3 Datasheet HTML 2Page - ON Semiconductor CS5231-3 Datasheet HTML 3Page - ON Semiconductor CS5231-3 Datasheet HTML 4Page - ON Semiconductor CS5231-3 Datasheet HTML 5Page - ON Semiconductor CS5231-3 Datasheet HTML 6Page - ON Semiconductor CS5231-3 Datasheet HTML 7Page - ON Semiconductor CS5231-3 Datasheet HTML 8Page - ON Semiconductor CS5231-3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2004
January, 2004 − Rev. 5
1
Publication Order Number:
CS5231−3/D
CS5231−3
500 mA, 3.3 V Linear
Regulator with Auxiliary
Control
The CS5231−3 combines a three−terminal linear regulator with
circuitry controlling an external PFET transistor thus managing two
input supplies. The part provides a 3.3 V regulated output either from
the main 5.0 V supply or a 3.3 V auxiliary that switches on when the
5.0 V supply is not present. This delivers constant, uninterrupted
power to the load. The CS5231−3 meets Intel’s “Instantly Available”
power requirements which follows from the “Advanced Configuration
and Power Interface” (ACPI) standards developed by Intel, Microsoft
and Toshiba.
The CS5231−3 linear regulator provides a fixed 3.3 V output at
500 mA with an overall accuracy of
± 2.0%. The internal NPN−PNP
composite pass transistor provides a low dropout voltage and requires
less supply current than a straight PNP design. Full protection with
both current limit and thermal shutdown is provided.
Designed for low reverse current, the IC prevents excessive current
from flowing from VOUT to either VIN or ground when the regulator
input voltage is lower than the output voltage.
The CS5231−3 can be used to provide power to an ASIC on a PCI
Network Interface Card (NIC). When the system enters a Sleep State
and the 5.0 V input drops below 4.4 V, the AuxDrv control signal on the
CS5231−3 is activated turning on the external PFET. This switches the
supply source from the 5.0 V input to the 3.3 V input through the PFET,
guaranteeing a constant 3.3 V output to the ASIC that is “glitch free.”
The CS5231−3 is available in two package types: the D2PAK−5
(TO263) package and the SOIC−8 4−Lead−fused (DF) package. Other
applications include desktop computers, power supplies with multiple
input sources and PCMCIA/PCI interface cards.
Features
Linear Regulator
3.3 V
± 2.0% Output Voltage
3.0 mA Quiescent Current @ 500 mA
Fast Transient Response
Current Limit Protection
Thermal Shutdown with Hysteresis
450
mA Reverse Output Current
System Power Management
Auxiliary Supply Control
“Glitch Free” Transition Between Two Supplies
Internally Fused Leads in SOIC−8 Package
PIN CONNECTIONS AND
MARKING DIAGRAMS
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
Device
Package
Shipping†
ORDERING INFORMATION
CS5231−3GDP5
D2PAK−5
50 Units/Rail
CS5231−3GDPR5
D2PAK−5
750 Tape & Reel
CS5231−3GDF8
SOIC−8
95 Units/Rail
CS5231−3GDFR8
SOIC−8
2500 Tape & Reel
SOIC−8
DF SUFFIX
CASE 751
Pin 1. No Connect
2. VIN
3. GND
4. VOUT
5. AuxDrv
Tab = GND
D2PAK−5
DP SUFFIX
CASE 936AC
CS5231−3
AWLYWW
1
1
5
VOUT
VIN
1
8
GND
GND
GND
GND
AuxDrv
NC
1
8
SOIC−8
D2PAK−5
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Similar Part No. - CS5231-3

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5231-3 CHERRY-CS5231-3 Datasheet
280Kb / 11P
   500mA, 3.3V Linear Regulator with Auxiliary Control
CS5231-3GDP5 CHERRY-CS5231-3GDP5 Datasheet
280Kb / 11P
   500mA, 3.3V Linear Regulator with Auxiliary Control
CS5231-3GDPR5 CHERRY-CS5231-3GDPR5 Datasheet
280Kb / 11P
   500mA, 3.3V Linear Regulator with Auxiliary Control
More results

Similar Description - CS5231-3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5233-3 ONSEMI-CS5233-3 Datasheet
88Kb / 12P
   500 mA and 1.5 A, 3.3 V Dual Input Linear Regulator with Auxiliary Control
January, 2004 ??Rev. 6
NCP5500 ONSEMI-NCP5500 Datasheet
137Kb / 9P
   500 mA Linear Regulator
June, 2006 ??Rev. 3
logo
Cherry Semiconductor Co...
CS5231-3 CHERRY-CS5231-3 Datasheet
280Kb / 11P
   500mA, 3.3V Linear Regulator with Auxiliary Control
logo
ON Semiconductor
CS9202 ONSEMI-CS9202_06 Datasheet
69Kb / 6P
   Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
June, 2006 ??Rev. 14
CS9202 ONSEMI-CS9202 Datasheet
61Kb / 6P
   Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
May, 2004 ??Rev. 12
logo
Fortune Semiconductor C...
FS8855 FORTUNE-FS8855 Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
logo
ON Semiconductor
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
logo
Texas Instruments
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
TLV766-Q1 TI-TLV766-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   TLV766-Q1 500-mA, 16-V Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com