Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GVT71128D32T-5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GVT71128D32T-5
Description  128K X 32 SYNCHRONOUS BURST SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GVT71128D32T-5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GVT71128D32T-5 Datasheet HTML 1Page - List of Unclassifed Manufacturers GVT71128D32T-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers GVT71128D32T-5 Datasheet HTML 3Page - List of Unclassifed Manufacturers GVT71128D32T-5 Datasheet HTML 4Page - List of Unclassifed Manufacturers GVT71128D32T-5 Datasheet HTML 5Page - List of Unclassifed Manufacturers GVT71128D32T-5 Datasheet HTML 6Page - List of Unclassifed Manufacturers GVT71128D32T-5 Datasheet HTML 7Page - List of Unclassifed Manufacturers GVT71128D32T-5 Datasheet HTML 8Page - List of Unclassifed Manufacturers GVT71128D32T-5 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SYNCHRONOUS
BURST SRAM
128K x 32 SRAM
+3.3V SUPPLY, PIPELINED, SINGLE
CYCLE DESELECT, BURST COUNTER
GVT71128D32
128K X 32 SYNCHRONOUS BURST SRAM
GALVANTECH,
PIPELINED OUTPUT
Pentium is a trademark of Intel Corporation.
PowerPC is a trademark of IBM Corporation.
Galvantech, Inc. reserves the right to change
Rev. 11/9 9
products or specifications without notice.
Galvantech, Inc. 3080 Oakmead Village Drive, Santa Clara, CA 95051
Tel (408) 566-0688
Fax (408) 566-0699
Web Site www.galvantech.com
FEATURES
Fast access times: 4.8, 5, 6, and 7ns
Fast clock speed: 100, 83, and 66MHz
Provide high performance 3-1-1-1 access rate
Fast OE# access times: 5, 6, and 7ns
Optimal for depth expansion (one cycle chip deselect to
eliminate bus contention)
Single +3.3V -5% and +10%power supply
Support +2.5V I/O
5V tolerant inputs except I/O’s
Clamp diodes to VSSQ at all outputs
Common data inputs and data outputs
BYTE WRITE ENABLE and GLOBAL WRITE control
Three chip enables for depth expansion and address
pipeline
Address, control, input, and output pipeline registers
Internally self-timed WRITE CYCLE
Burst control pins (interleaved or linear burst sequence)
Automatic power-down for portable applications
High density, high speed packages
Low capacitive bus loading
High 30pF output drive capability at rated access time
OPTION S
MARKING
Timing
4.8ns access/10ns cycle
-4
5ns access/10ns cycle
-5
6ns access/12ns cycle
-6
7ns access/15ns cycle
-7
Packages
100-pin TQFP
T
Temperature
Commercial
None
(
0°C to 70°C)
Industrial
I
(
-40°C to 85°C)
GENERAL DESCRIPTION
The Galvantech Synchronous Burst SRAM family
employs high-speed, low power CMOS designs using
advanced
triple-layer
polysilicon,
double-layer
metal
technology. Each memory cell consists of four transistors and
two high valued resistors.
The
GVT71128D32
SRAM
integrates
131,072x32
SRAM cells with advanced synchronous peripheral circuitry
and a 2-bit counter for internal burst operation. All
synchronous inputs are gated by registers controlled by a
positive-edge-triggered clock input (CLK). The synchronous
inputs include all addresses, all data inputs, address-pipelining
chip enable (CE#), depth-expansion chip enables (CE2# and
CE2), burst control inputs (ADSC#, ADSP#, and ADV#),
write enables (BW1#, BW2#, BW3#, BW4#,and BWE#), and
global write (GW#).
Asynchronous inputs include the output enable (OE#)
and burst mode control (MODE). The data outputs (Q),
enabled by OE#, are also asynchronous.
Addresses and chip enables are registered with either
address status processor (ADSP#) or address status controller
(ADSC#) input pins. Subsequent burst addresses can be
internally generated as controlled by the burst advance pin
(ADV#).
Address, data inputs, and write controls are registered on-
chip to initiate self-timed WRITE cycle. WRITE cycles can
be one to four bytes wide as controlled by the write control
inputs. Individual byte write allows individual byte to be
written. BW1# controls DQ1-DQ8. BW2# controls DQ9-
DQ16. BW3# controls DQ17-DQ24. BW4# controls DQ25-
DQ32. BW1#, BW2# BW3#, and BW4# can be active only
with BWE# being LOW. GW# being LOW causes all bytes to
be written. This device also incorporates pipelined enable
circuit for easy depth expansion without penalizing system
performance.
The GVT71128D32 operates from a +3.3V power
supply. All inputs and outputs are TTL-compatible. The
device is ideally suited for 486, Pentiu mTM, 680x0, and
PowerPCTM systems and for systems that are benefited from a
wide synchronous data bus.


Similar Part No. - GVT71128D32T-5

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
GVT71256C36 CYPRESS-GVT71256C36 Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
GVT71256C36B-4.4 CYPRESS-GVT71256C36B-4.4 Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
GVT71256C36B-5 CYPRESS-GVT71256C36B-5 Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
GVT71256C36B-6 CYPRESS-GVT71256C36B-6 Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
GVT71256C36B-6.7 CYPRESS-GVT71256C36B-6.7 Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
More results

Similar Description - GVT71128D32T-5

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33128PFD32A ALSC-AS7C33128PFD32A Datasheet
227Kb / 11P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFD32B ALSC-AS7C33128PFD32B Datasheet
552Kb / 19P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32A ALSC-AS7C33128PFS32A Datasheet
339Kb / 13P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32B ALSC-AS7C33128PFS32B Datasheet
552Kb / 19P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
logo
List of Unclassifed Man...
UT61128C64 ETC1-UT61128C64 Datasheet
257Kb / 16P
   128K X 64 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
Alliance Semiconductor ...
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
logo
GSI Technology
GS81032AT GSI-GS81032AT Datasheet
759Kb / 23P
   32K x 32 1M Synchronous Burst SRAM
GS82032AT GSI-GS82032AT Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
GS820H32AT GSI-GS820H32AT Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com