Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFCT-5903 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HFCT-5903
Description  MT-RJ Duplex Single Mode Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFCT-5903 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HFCT-5903 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFCT-5903 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFCT-5903 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFCT-5903 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFCT-5903 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFCT-5903 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFCT-5903 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFCT-5903 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFCT-5903 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Agilent HFCT-5903E MT-RJ Duplex
Single Mode Transceiver
Data Sheet
Description
The HFCT-5903E transceiver is a
high performance, cost effective
module for serial optical data
communications applications
specified for a signal rate of
125 MBd. It is designed to provide
an FDDI SMF-PMD1 link for FDDI
or Fast Ethernet applications and
is also compatible with ATM/
SONET/SDH transceivers. The
HFCT-5903 does not include a nose
shield and is not recommended
due to the potential degradation
of EMI performance in a complete
system. The HFCT-5903 is
available on the rare occasion that
a system mechanical design may
not allow for a nose shield.
This module is designed for single
mode fiber and operates at a
nominal wavelength of 1300 nm.
It incorporates Agilent’s high
performance, reliable, long
wavelength optical devices and
proven circuit technology to give
long life and consistent service.
The transmitter section uses an
advanced SMQW Fabry Perot
laser with full IEC 825 and CDRH
Class I eye safety.
The receiver section uses a
MOVPE grown planar PIN
photodetector for low dark
current and excellent
responsivity.
A pseudo-ECL logic interface
simplifies interface to external
circuitry.
Features
• MT-RJ duplex single mode
transceiver
• Power compliant to ANSI
X3.184- 1993 standard for FDDI
SMF-PMD category 1
optoelectronic performance
• Single +3.3 V power supply
• Multisourced 2 x 5 pin
configuration
• Interchangeable with LED
multisourced 2 x 5 transceivers
• Unconditionally eye safe
laser IEC 825/CDRH Class 1
compliant
• Temperature range:
0°C to +70°C
Applications
• FDDI SMF-PMD1
• Fast ethernet
• ATM compatible


Similar Part No. - HFCT-5903

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFCT-5905 HP-HFCT-5905 Datasheet
168Kb / 12P
   Agilent HFCT-5905E MT-RJ Duplex Single Mode Transceiver
HFCT-5905E HP-HFCT-5905E Datasheet
168Kb / 12P
   Agilent HFCT-5905E MT-RJ Duplex Single Mode Transceiver
More results

Similar Description - HFCT-5903

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFCT-5915E HP-HFCT-5915E Datasheet
350Kb / 8P
   Report for MT-RJ Duplex Single Mode Transceiver
HFCT-5905E HP-HFCT-5905E Datasheet
168Kb / 12P
   Agilent HFCT-5905E MT-RJ Duplex Single Mode Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5179BZ AVAGO-AFCT-5179BZ_15 Datasheet
345Kb / 8P
   SC Duplex Single Mode Transceiver
logo
Agilent(Hewlett-Packard...
HFCT-5205 HP-HFCT-5205 Datasheet
235Kb / 10P
   SC Duplex Single Mode Transceiver
HFCT-5103B HP-HFCT-5103B Datasheet
180Kb / 8P
   SC Duplex Single Mode Transceiver
logo
Molex Electronics Ltd.
88523-7401 MOLEX11-88523-7401 Datasheet
31Kb / 1P
   MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 2.0m
88523-7406 MOLEX11-88523-7406 Datasheet
31Kb / 1P
   MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 30.0m
88523-7400 MOLEX11-88523-7400 Datasheet
31Kb / 1P
   MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 1.0m
88523-7403 MOLEX11-88523-7403 Datasheet
31Kb / 1P
   MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 4.0m
88523-7405 MOLEX11-88523-7405 Datasheet
31Kb / 1P
   MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 15.0m
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com