Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFCT-5903 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HFCT-5903
Description  MT-RJ Duplex Single Mode Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFCT-5903 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HFCT-5903 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFCT-5903 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFCT-5903 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFCT-5903 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFCT-5903 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFCT-5903 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFCT-5903 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFCT-5903 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HFCT-5903 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Figure 5. HFCT-5903 Package Outline Drawing
Pin 1
TOP VIEW
7.11
(0.28)
4.57
(0.18)
9.6
(0.378)
MAX.
13.59
(0.535)
MAX.
12
(0.472)
7.59
(0.299)
17.778
(0.7)
1.778
(0.07)
7.112
(0.28)
Ø 0.61
(0.024)
+0
–0.2
(+000)
(–008)
10.16
(0.4)
13.97
(0.55)
MIN.
FRONT VIEW
4.5 ±0.2
(0.177 ±0.008)
(PCB to OPTICS
CENTER LINE)
5.15
(0.20)
(PCB to OVERALL
RECEPTACLE
CENTER LINE)
DIMENSIONS IN MILLIMETERS (INCHES)
NOTES:
1. THIS PAGE DESCRIBES THE MAXIMUM PACKAGE OUTLINE, MOUNTING STUDS, PINS AND THEIR RELATIONSHIPS TO EACH OTHER.
2. TOLERANCED TO ACCOMMODATE ROUND OR RECTANGULAR LEADS.
3. THE 10 I/O PINS, 2 SOLDER POSTS AND 4 PACKAGE GROUNDING TABS ARE TO BE TREATED AS A SINGLE PATTERN.
(SEE FIGURE 6 PCB LAYOUT).
4. THE MT-RJ HAS A 750 µm FIBER SPACING.
5. THE MT-RJ ALIGNMENT PINS ARE IN THE MODULE.
6. SEE MT-RJ TRANSCEIVER PIN OUT DIAGRAM FOR DETAILS.
SIDE VIEW
Full Radius
49.56 (1.951)
9.8
(0.386)
MAX.
9.3
(0.366)
MAX.
Ø 1.07
(0.042)
3.3
(0.13)
1
(0.039)
0.25
(0.01)
37.56 (1.479) MAX.


Similar Part No. - HFCT-5903

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFCT-5905 HP-HFCT-5905 Datasheet
168Kb / 12P
   Agilent HFCT-5905E MT-RJ Duplex Single Mode Transceiver
HFCT-5905E HP-HFCT-5905E Datasheet
168Kb / 12P
   Agilent HFCT-5905E MT-RJ Duplex Single Mode Transceiver
More results

Similar Description - HFCT-5903

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFCT-5915E HP-HFCT-5915E Datasheet
350Kb / 8P
   Report for MT-RJ Duplex Single Mode Transceiver
HFCT-5905E HP-HFCT-5905E Datasheet
168Kb / 12P
   Agilent HFCT-5905E MT-RJ Duplex Single Mode Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5179BZ AVAGO-AFCT-5179BZ_15 Datasheet
345Kb / 8P
   SC Duplex Single Mode Transceiver
logo
Agilent(Hewlett-Packard...
HFCT-5205 HP-HFCT-5205 Datasheet
235Kb / 10P
   SC Duplex Single Mode Transceiver
HFCT-5103B HP-HFCT-5103B Datasheet
180Kb / 8P
   SC Duplex Single Mode Transceiver
logo
Molex Electronics Ltd.
88523-7401 MOLEX11-88523-7401 Datasheet
31Kb / 1P
   MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 2.0m
88523-7406 MOLEX11-88523-7406 Datasheet
31Kb / 1P
   MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 30.0m
88523-7400 MOLEX11-88523-7400 Datasheet
31Kb / 1P
   MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 1.0m
88523-7403 MOLEX11-88523-7403 Datasheet
31Kb / 1P
   MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 4.0m
88523-7405 MOLEX11-88523-7405 Datasheet
31Kb / 1P
   MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 15.0m
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com