Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10DRA40 Datasheet(PDF) 5 Page - Nihon Inter Electronics Corporation

Part # 10DRA40
Description  FRD - 1A 400V 120ns
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

10DRA40 Datasheet(HTML) 5 Page - Nihon Inter Electronics Corporation

  10DRA40 Datasheet HTML 1Page - Nihon Inter Electronics Corporation 10DRA40 Datasheet HTML 2Page - Nihon Inter Electronics Corporation 10DRA40 Datasheet HTML 3Page - Nihon Inter Electronics Corporation 10DRA40 Datasheet HTML 4Page - Nihon Inter Electronics Corporation 10DRA40 Datasheet HTML 5Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SURGE CURRENT RATINGS
10DRA40
f=50Hz,Harf Sine Wave,Non-Repetitive,No Load
0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
0
5
10
15
20
25
30
35
40
0.02s
IFSM


Similar Part No. - 10DRA40

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
10DRA40 NI-10DRA40_15 Datasheet
109Kb / 1P
   FRED
10DRA40_2015 NI-10DRA40_2015 Datasheet
109Kb / 1P
   FRED
More results

Similar Description - 10DRA40

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
10ERB60 NIEC-10ERB60 Datasheet
70Kb / 5P
   FRD - 1A 600V 120ns
10DRA60 NIEC-10DRA60 Datasheet
58Kb / 5P
   FRD - 1A 600A 120ns
logo
MagnaChip Semiconductor...
MPKC2SA MGCHIP-MPKC2SA Datasheet
638Kb / 5P
   400V FRD Module
MPKB2SA MGCHIP-MPKB2SA Datasheet
639Kb / 5P
   400V FRD Module
MPGB1N300U40 MGCHIP-MPGB1N300U40 Datasheet
627Kb / 5P
   400V FRD Module
MPSC2N100U40 MGCHIP-MPSC2N100U40 Datasheet
647Kb / 5P
   400V FRD Module
logo
Nihon Inter Electronics...
15KRA40 NIEC-15KRA40 Datasheet
63Kb / 5P
   FRD - 1.5A 400V 160ns
P2H80F4 NIEC-P2H80F4 Datasheet
155Kb / 3P
   FRD MODULE 80A/400V
P2H30F4 NIEC-P2H30F4 Datasheet
154Kb / 3P
   FRD MODULE 30A/400V
P2H60F4 NIEC-P2H60F4 Datasheet
155Kb / 3P
   FRD MODULE 60A/400V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com