Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD34 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD34
Description  3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD34 Datasheet(HTML) 5 Page - Texas Instruments

  SN65HVD34 Datasheet HTML 1Page - Texas Instruments SN65HVD34 Datasheet HTML 2Page - Texas Instruments SN65HVD34 Datasheet HTML 3Page - Texas Instruments SN65HVD34 Datasheet HTML 4Page - Texas Instruments SN65HVD34 Datasheet HTML 5Page - Texas Instruments SN65HVD34 Datasheet HTML 6Page - Texas Instruments SN65HVD34 Datasheet HTML 7Page - Texas Instruments SN65HVD34 Datasheet HTML 8Page - Texas Instruments SN65HVD34 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
www.ti.com
DRIVER SWITCHING CHARACTERISTICS
SN65HVD30-SN65HVD35
SN65HVD36-SN65HVD39
SLLS665 – SEPTEMBER 2005
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
HVD30, HVD33, HVD36, HVD38
4
10
18
Propagation delay time,
tPLH
HVD31, HVD34, HVD37, HVD39
25
38
65
ns
low-to-high-level output
HVD32, HVD35
120
175
305
HVD30, HVD33, HVD36, HVD38
4
9
18
Propagation delay time,
tPHL
HVD31, HVD34, HVD37, HVD39
25
38
65
ns
high-to-low-level output
HVD32, HVD35
120
175
305
HVD30, HVD33, HVD36, HVD38
2.5
5
12
Differential output signal
RL = 54 Ω, CL = 50 pF,
tr
HVD31, HVD34, HVD37, HVD39
20
37
60
ns
rise time
See Figure 5
HVD32, HVD35
120
185
300
HVD30, HVD33, HVD36, HVD38
2.5
5
12
Differential output signal fall
tf
HVD31, HVD34, HVD37, HVD39
20
35
60
ns
time
HVD32, HVD35
120
180
300
HVD30, HVD33, HVD36, HVD38
2
tsk(p)
Pulse skew (|tPHL - tPLH|)
HVD31, HVD34, HVD37, HVD39
4
ns
HVD32, HVD35
7
HVD33, HVD38
45
Propagation delay time,
tPZH1
high-impedance-to-high-
HVD34, HVD39
235
ns
RL = 110 Ω, RE at 0 V,
level output
HVD35
490
D = 3 V and S1 = Y, or
D = 0 V and S1 = Z
HVD33, HVD38
25
Propagation delay time,
See Figure 6
tPHZ
high-level-to-high-
HVD34, HVD39
65
ns
impedance output
HVD35
165
HVD33, HVD38
35
Propagation delay time,
tPZL1
high-impedance-to-low-level HVD34, HVD39
190
ns
RL = 110 Ω, RE at 0 V,
output
HVD35
490
D = 3 V and S1 = Z, or
D = 0 V and S1 = Y
HVD33, HVD38
30
Propagation delay time,
See Figure 7
tPLZ
low-level-to-high-impedance HVD34, HVD39
120
ns
output
HVD35
290
RL = 110 Ω, RE at 3 V,
D = 3 V and S1 = Y, or
tPZH2
Propagation delay time, standby-to-high-level output
4000
ns
D = 0 V and S1 = Z
See Figure 6
RL = 110 Ω, RE at 3 V,
D = 3 V and S1 = Z, or
tPZL2
Propagation delay time, standby-to-low-level output
4000
ns
D = 0 V and S1 = Y
See Figure 7
(1)
All typical values are at 25°C and with a 3.3-V supply.
5


Similar Part No. - SN65HVD34

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD34 TI-SN65HVD34 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD34 TI-SN65HVD34 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD34 TI1-SN65HVD34 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD34 TI1-SN65HVD34 Datasheet
1Mb / 37P
[Old version datasheet]   SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
SN65HVD34-EP TI1-SN65HVD34-EP Datasheet
1Mb / 37P
[Old version datasheet]   SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
More results

Similar Description - SN65HVD34

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI-SN65HVD3080E_07 Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com