Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVP17 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVP17
Description  2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVP17 Datasheet(HTML) 1 Page - Texas Instruments

  SN65LVP17 Datasheet HTML 1Page - Texas Instruments SN65LVP17 Datasheet HTML 2Page - Texas Instruments SN65LVP17 Datasheet HTML 3Page - Texas Instruments SN65LVP17 Datasheet HTML 4Page - Texas Instruments SN65LVP17 Datasheet HTML 5Page - Texas Instruments SN65LVP17 Datasheet HTML 6Page - Texas Instruments SN65LVP17 Datasheet HTML 7Page - Texas Instruments SN65LVP17 Datasheet HTML 8Page - Texas Instruments SN65LVP17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
4 mA
VREF
VCC
SN65LVDS16, SN65LVP16
Q
A
VBB
GC
Y
Z
EN
4 mA
VREF
VCC
SN65LVDS17, SN65LVP17
Q
A
VBB
Y
Z
EN
B
SN65LVDS16, SN65LVP16
SN65LVDS17, SN65LVP17
SLLS625B – SEPTEMBER 2004 – REVISED NOVEMBER 2005
2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
2-mm × 2-mm Small-Outline
No-Lead Package
Low-Voltage PECL Input and Low-Voltage
PECL or LVDS Outputs
Clock Rates to 2 GHz
PECL-to-LVDS Translation
– 140-ps Output Transition Times
Clock Signal Amplification
– 0.11 ps Typical Intrinsic Phase Jitter
– Less than 630 ps Propagation Delay Times
2.5-V or 3.3-V Supply Operation
These four devices are high-frequency oscillator gain stages supporting both LVPECL or LVDS on the high gain
outputs in 3.3-V or 2.5-V systems. Additionally, provides the option of both single-ended input (PECL levels on
the SN65LVx16) and fully differential inputs on the SN65LVx17.
The SN65LVx16 provides the user a Gain Control (GC) for controlling the Q output from 300 mV to 860 mV
either by leaving it open (NC), grounded, or tied to VCC. (When left open, the Q output defaults to 575 mV.) The
Q on the SN65LVx17 defaults to 575 mV as well.
Both devices provide a voltage reference (VBB) of typically 1.35 V below VCC for use in receiving single-ended
PECL input signals. When not used, VBB should be unconnected or open.
All devices are characterized for operation from –40°C to 85°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65LVP17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVP17 TI-SN65LVP17 Datasheet
538Kb / 18P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
SN65LVP17DRFR TI-SN65LVP17DRFR Datasheet
538Kb / 18P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
SN65LVP17DRFRG4 TI-SN65LVP17DRFRG4 Datasheet
538Kb / 18P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
SN65LVP17DRFT TI-SN65LVP17DRFT Datasheet
538Kb / 18P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
SN65LVP17DRFTG4 TI-SN65LVP17DRFTG4 Datasheet
538Kb / 18P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
More results

Similar Description - SN65LVP17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS18 TI1-SN65LVDS18 Datasheet
497Kb / 17P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
SN65LVDS16 TI-SN65LVDS16_07 Datasheet
538Kb / 18P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
SN65LVDS18 TI1-SN65LVDS18_15 Datasheet
478Kb / 17P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
logo
ON Semiconductor
NBXSBA025 ONSEMI-NBXSBA025 Datasheet
123Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
August, 2009 ??Rev. 0
NBXSPA022 ONSEMI-NBXSPA022 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 187.5 MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
NBXSBA025_0910 ONSEMI-NBXSBA025_0910 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
NBXSPA008 ONSEMI-NBXSPA008 Datasheet
125Kb / 6P
   2.5 V / 3.3 V, 161.1328 MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXSBA024 ONSEMI-NBXSBA024 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXSBA030 ONSEMI-NBXSBA030 Datasheet
125Kb / 6P
   2.5 V / 3.3 V, 175.00 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
NBXDPA019 ONSEMI-NBXDPA019 Datasheet
174Kb / 7P
   2.5 V / 3.3 V, 125 MHz / 250MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com