Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD36 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN65HVD36
Description  3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD36 Datasheet(HTML) 3 Page - Texas Instruments

  SN65HVD36 Datasheet HTML 1Page - Texas Instruments SN65HVD36 Datasheet HTML 2Page - Texas Instruments SN65HVD36 Datasheet HTML 3Page - Texas Instruments SN65HVD36 Datasheet HTML 4Page - Texas Instruments SN65HVD36 Datasheet HTML 5Page - Texas Instruments SN65HVD36 Datasheet HTML 6Page - Texas Instruments SN65HVD36 Datasheet HTML 7Page - Texas Instruments SN65HVD36 Datasheet HTML 8Page - Texas Instruments SN65HVD36 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
ELECTROSTATIC DISCHARGE PROTECTION
SN65HVD30-SN65HVD35
SN65HVD36-SN65HVD39
SLLS665 – SEPTEMBER 2005
over operating free-air temperature range unless otherwise noted(1)(2)
UNIT
VCC
Supply voltage range, VCC
–0.3 V to 6 V
Voltage range at any bus terminal (A, B, Y, Z)
–9 V to 14 V
Voltage input, transient pulse through 100
Ω. See Figure 12 (A, B, Y, Z)(3)
–50 to 50 V
VI
Input voltage range (D, DE, RE)
-0.5 V to 7 V
Continuous total power dissipation
Internally limited
IO
Output current (receiver output only, R)
11 mA
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
(3)
This tests survivability only and the output state of the receiver is not specified.
over operating free-air temperature range unless otherwise noted
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3.0
3.6
V
VI or
Voltage at any bus terminal (separately or common mode)
–7(1)
12
VIC
1/tUI
SN65HVD30, SN65HVD33, SN65HVD36, SN65HVD38
25
Signaling rate
SN65HVD31, SN65HVD34, SN65HVD37, SN65HVD39
5
Mbps
SN65HVD32, SN65HVD35
1
RL
Differential load resistance
54
60
VIH
High-level input voltage
D, DE, RE
2
VCC
VIL
Low-level input voltage
D, DE, RE
0
0.8
V
VID
Differential input voltage
–12
12
Driver
–60
IOH
High-level output current
mA
Receiver
–8
Driver
60
IOL
Low-level output current
mA
Receiver
8
TA
Ambient still-air temperature
–40
85
°C
(1)
The algebraic convention, in which the least positive (most negative) limit is designated as minimum is used in this data sheet.
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Human body model
Bus terminals and GND
±16
Human body model(2)
All pins
±4
kV
Charged-device-model(3)
All pins
±1
(1)
All typical values at 25°C with 3.3-V supply.
(2)
Tested in accordance with JEDEC Standard 22, Test Method A114-A.
(3)
Tested in accordance with JEDEC Standard 22, Test Method C101.
3


Similar Part No. - SN65HVD36

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD36 TI-SN65HVD36 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD36 TI-SN65HVD36 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
More results

Similar Description - SN65HVD36

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI-SN65HVD3080E_07 Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com