Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD37 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD37
Description  3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD37 Datasheet(HTML) 4 Page - Texas Instruments

  SN65HVD37 Datasheet HTML 1Page - Texas Instruments SN65HVD37 Datasheet HTML 2Page - Texas Instruments SN65HVD37 Datasheet HTML 3Page - Texas Instruments SN65HVD37 Datasheet HTML 4Page - Texas Instruments SN65HVD37 Datasheet HTML 5Page - Texas Instruments SN65HVD37 Datasheet HTML 6Page - Texas Instruments SN65HVD37 Datasheet HTML 7Page - Texas Instruments SN65HVD37 Datasheet HTML 8Page - Texas Instruments SN65HVD37 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
www.ti.com
DRIVER ELECTRICAL CHARACTERISTICS
SN65HVD30-SN65HVD35
SN65HVD36-SN65HVD39
SLLS665 – SEPTEMBER 2005
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VI(K)
Input clamp voltage
II = –18 mA
–1.5
IO = 0
2.5
VCC
RL = 54 Ω, See Figure 1
1.5
2.0
(RS-485)
|VOD(SS)|
Steady-state differential output voltage
RL = 100 Ω, See Figure 1(2)
2.0
2.3
(RS-422)
Vtest = –7 V to 12 V,
1.5
See Figure 2
Change in magnitude of steady-state
RL = 54 Ω, See Figure 1
∆|V
OD(SS)|
–0.2
0.2
differential output voltage between states and Figure 2
Differential Output Voltage overshoot
RL = 54 Ω, CL = 50 pF,
V
VOD(RING)
0.05 |VOD(SS)|
and undershoot
See Figure 5 and Figure 3
Peak-to-peak
HVD30, HVD33,
VOC(PP)
common-mode
0.5
HVD36, HVD38
output voltage
See Figure 4
HVD31, HVD34,
HVD37, HVD39,
0.25
HVD32, HVD35
Steady-state common-mode
VOC(SS)
1.6
2.3
output voltage
See Figure 4
Change in steady-state common-mode
∆V
OC(SS)
–0.05
0.05
output voltage
VCC = 0 V, VZ or VY = 12 V,
90
Other input at 0 V
VCC = 0 V, VZ or VY = –7 V,
–10
Other input at 0 V
High-impedance state
VCC = 5 V or 0 V,
IZ(Z) or IY(Z)
µA
output current
DE = 0 V
90
HVD33, HVD34,
VZ or VY = 12 V
Other input
HVD35, HVD38,
at 0 V
VCC = 5 V or 0 V,
HVD39
DE = 0 V
–10
VZ or VY = –7 V
VZ or VY = –7 V
–250
250
Other input
IZ(S) or IY(S)
Short Circuit output Current
mA
at 0 V
VZ or VY = 12 V
–250
250
II
Input current
D, DE
0
100
µA
Differential output
VOD = 0.4 sin (4E6πt) + 0.5 V,
C(OD)
16
pF
capacitance
DE at 0 V
(1)
All typical values are at 25
°C and with a 3.3-V supply.
(2)
VCC is 3.3 Vdc ± 5%
4


Similar Part No. - SN65HVD37

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD37 TI-SN65HVD37 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD37 TI-SN65HVD37 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD37 TI1-SN65HVD37 Datasheet
729Kb / 16P
[Old version datasheet]   Low-Power 3.3V-Supply Full-Duplex RS-485 Driver/Receiver
SN65HVD37 TI1-SN65HVD37 Datasheet
715Kb / 16P
[Old version datasheet]   Low-Power 3.3V-Supply Full-Duplex RS-485 Driver/Receiver
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
More results

Similar Description - SN65HVD37

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI-SN65HVD3080E_07 Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com