Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMDS341PFCR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS341PFCR
Description  3-TO-1 DVI/HDMI SWITCH
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS341PFCR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMDS341PFCR Datasheet HTML 4Page - Texas Instruments TMDS341PFCR Datasheet HTML 5Page - Texas Instruments TMDS341PFCR Datasheet HTML 6Page - Texas Instruments TMDS341PFCR Datasheet HTML 7Page - Texas Instruments TMDS341PFCR Datasheet HTML 8Page - Texas Instruments TMDS341PFCR Datasheet HTML 9Page - Texas Instruments TMDS341PFCR Datasheet HTML 10Page - Texas Instruments TMDS341PFCR Datasheet HTML 11Page - Texas Instruments TMDS341PFCR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TMDS341
SLLS660A – AUGUST 2005 – REVISED OCTOBER 2005
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIH = VCC, VIL = VCC – 0.4 V, RVSADJ = 4.64 kΩ,
RT = 50 Ω, AVCC = 3.3 V
ICC
Supply current
190
230
mA
Am/Bm = 1.65 Gbps HDMI data pattern, m = 2, 3, 4
A1/B1 = 165 MHz clock
VIH = VCC, VIL = VCC – 0.4 V, RVSADJ = 4.64 kΩ,
RT = 50 Ω, AVCC = 3.3 V
PD
Power dissipation
394
526
mW
Am/Bm = 1.65 Gbps HDMI data pattern, m = 2, 3, 4
A1/B1 = 165 MHz clock
TMDS DIFFERENTIAL PINS (A/B; Y/Z)
VOH
Single-ended high-level output voltage
AVCC–10
AVCC+10
mV
VOL
Single-ended low-level output voltage
AVCC–600
AVCC–400
mV
Vswing
Single-ended output swing voltage
400
600
mV
See Figure 2, AVCC = 3.3 V,
VOD(O)
Overshoot of output differential voltage
6%
15%
2
× V
swing
RT = 50 Ω, PRE = 0 V
VOD(U)
Undershoot of output differential voltage
12%
25%
2
× V
swing
Change in steady-state common-mode
∆V
OC(SS)
0.5
5
mV
output voltage between logic states
0 V
≤ V
CC ≤ 1.5 V,
I(O)OFF
Single-ended standby output current
–10
10
µA
AVCC = 3.3 V, RT = 50 Ω
|I(OS)|
Short circuit output current
See Figure 3
12
mA
Steady state output differential voltage with
See Figure 4, PRE = VCC,
VODE(SS)
560
840
mVp-p
de-emphasis
Am/Bm = 250 Mbps HDMI data pattern, m = 2, 3, 4
A1/B1 = 25 MHz clock
VODE(pp)
Peak-to-peak output differential voltage
800
1200
mVp-p
Single-ended input voltage under high
VI(open)
II = 10 µA
VCC–10
VCC+10
mV
impedance input or open input
RINT
Input termination resistance
VIN = 2.9 V
45
50
55
DDC I/O PINS (SCL, SCL_SINK, SDA, SDA_SINK)
|Ilkg|
Input leakage current
VI = 0.1 VCC to 0.9 VCC to isolated DDC ports
0.1
2
µA
CIO
Input/output capacitance
VI = 0 V
7.5
pF
RON
Switch resistance
IO = 3 mA, VO = 0.4 V
25
50
VPASS
Switch output voltage
VI = 3.3 V, IO = 100 µA
1.5(2)
2.0
2.5(3)
V
STATUS PINS (HPD)
VOH(TTL)
TTL High-level output voltage
IOH = –8 mA
2.4
V
VOL(TTL)
TTL Low-level output voltage
IOL = 8 mA
0.4
V
CONTROL PINS (PRE, S, OE)
|IIH|
High-level digital input current
VIH = 2 V or VCC
0.1
2
µA
|IIL|
Low-level digital input current
VIL = GND or 0.8 V
0.1
2
µA
STATUS PINS (HPD_SINK)
VIH = 5.3 V
23
100
|IIH|
High-level digital input current
µA
VIH = 2 V or VCC
0.1
2
|IIL|
Low-level digital input current
VIL = GND or 0.8 V
0.1
2
µA
(1)
All typical values are at 25
°C and with a 3.3-V supply.
(2)
The value is tested in full temperature range at 3.0 V.
(3)
The value is tested in full temperature range at 3.6 V.
8


Similar Part No. - TMDS341PFCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS341A TI-TMDS341A Datasheet
1Mb / 25P
[Old version datasheet]   3-TO-1 DVI/HDMI SWITCH
TMDS341A TI-TMDS341A Datasheet
1Mb / 27P
[Old version datasheet]   3-TO-1 DVI/HDMI SWITCH
TMDS341APFC TI-TMDS341APFC Datasheet
1Mb / 25P
[Old version datasheet]   3-TO-1 DVI/HDMI SWITCH
TMDS341APFC TI-TMDS341APFC Datasheet
1Mb / 27P
[Old version datasheet]   3-TO-1 DVI/HDMI SWITCH
TMDS341APFCG4 TI-TMDS341APFCG4 Datasheet
1Mb / 25P
[Old version datasheet]   3-TO-1 DVI/HDMI SWITCH
More results

Similar Description - TMDS341PFCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS341A TI-TMDS341A_07 Datasheet
1Mb / 27P
[Old version datasheet]   3-TO-1 DVI/HDMI SWITCH
TMDS341A TI-TMDS341A Datasheet
1Mb / 25P
[Old version datasheet]   3-TO-1 DVI/HDMI SWITCH
TMDS351 TI-TMDS351 Datasheet
533Kb / 25P
[Old version datasheet]   2.5 Gbps 3-TO-1 DVI/HDMI SWITCH
logo
Analog Devices
ADV3000 AD-ADV3000 Datasheet
781Kb / 28P
   3:1 HDMI/DVI Switch with Equalization
REV. 0
logo
Texas Instruments
TMDS251 TI-TMDS251 Datasheet
688Kb / 27P
[Old version datasheet]   2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
TMDS250 TI-TMDS250 Datasheet
674Kb / 26P
[Old version datasheet]   2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
TMDS361 TI-TMDS361 Datasheet
2Mb / 42P
[Old version datasheet]   1080p - Deep Color 3-to-1 HDMI/DVI Switch with Adaptive Equalization
TMDS442 TI-TMDS442 Datasheet
1Mb / 45P
[Old version datasheet]   4-TO-2 DVI/HDMI SWITCH
TMDS442 TI1-TMDS442_14 Datasheet
2Mb / 46P
[Old version datasheet]   4-TO-2 DVI/HDMI SWITCH
logo
Analog Devices
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com