Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD30D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD30D
Description  3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD30D Datasheet(HTML) 1 Page - Texas Instruments

  SN65HVD30D Datasheet HTML 1Page - Texas Instruments SN65HVD30D Datasheet HTML 2Page - Texas Instruments SN65HVD30D Datasheet HTML 3Page - Texas Instruments SN65HVD30D Datasheet HTML 4Page - Texas Instruments SN65HVD30D Datasheet HTML 5Page - Texas Instruments SN65HVD30D Datasheet HTML 6Page - Texas Instruments SN65HVD30D Datasheet HTML 7Page - Texas Instruments SN65HVD30D Datasheet HTML 8Page - Texas Instruments SN65HVD30D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
SN65HVD30-SN65HVD35
SN65HVD36-SN65HVD39
SLLS665 – SEPTEMBER 2005
3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
Each driver and receiver has separate input and
output
pins
for
full-duplex
bus
communication
1/8 Unit-Load Option Available (Up to 256
designs.
They
are
designed
for
balanced
Nodes on the Bus)
transmission lines and interoperation with ANSI
Bus-Pin ESD Protection Exceeds 15 kV HBM
TIA/EIA-485A, TIA/EIA-422-B, ITU-T v.11 and ISO
8482:1993 standard-compliant devices.
Optional Driver Output Transition Times for
Signaling Rates (1) of 1 Mbps, 5 Mbps and 25
The
SN65HVD30,
SN65HVD31,
SN65HVD32,
Mbps
SN65HVD36 and SN65HVD37 are fully enabled with
no external enabling pins. The SN65HVD36 and
Low-Current Standby Mode: < 1
µA
SN65HVD37
implement
receiver
equalization
Glitch-Free Power-Up and Power-Down
technology for improved performance in long distance
Protection for Hot-Plugging Applications
applications.
5V Tolerant Inputs
The
SN65HVD33,
SN65HVD34,
SN65HVD35,
Bus Idle, Open, and Short Circuit Failsafe
SN65HVD38, and SN65HVD39 have active-high
Meets or exceeds the requirements of ANSI
driver enables and active-low receiver enables. A
TIA/EIA-485-A and RS-422 Compatible
very low, less than 1
µA, standby current can be
achieved by disabling both the driver and receiver.
5-V Devices available, SN65HVD50-59
The
SN65HVD38
and
SN65HVD39
implement
receiver
equalization
technology
for
improved
performance in long distance applications.
Utility Meters
All devices are characterized for operation from -40
°C
DTE/DCE Interfaces
to +85
°C.
Industrial, Process, and Building Automation
The
SN65HVD36
and
SN65HVD38
implement
Point-of-Sale (POS) Terminals and Networks
receiver equalization technology for improved jitter
performance on differential bus applications with data
rates up to 20 Mbps at cable lengths up to 160
The SN65HVD3X devices are 3-state differential line
meters.
drivers
and
differential-input
line
receivers
that
The
SN65HVD37
and
SN65HVD39
implement
operate with 3.3-V power supply.
receiver equalization technology for improved jitter
performance on differential bus applications with data
(1)
The signaling rate of a line is the number of voltage
rates in the range of 1 to 5 Mbps at cable lengths up
transitions that are made per second expressed in the units
bps (bits per second).
to 1000 meters.
IMPROVED REPLACEMENT FOR:
Part Number
Replace with
xxx3491
SN65HVD33:
Better ESD protection (15kV vs 2kV or not specified) Higher Signaling
Rate (25Mbps vs 20Mbps) Fractional Unit Load (64 Nodes vs 32)
MAX3491E
SN65HVD33:
Higher Signaling Rate (25Mbps vs 12Mbps) Fractional Unit Load
(64 Nodes vs 32)
MAX3076E
SN65HVD33:
Higher Signaling Rate (25Mbps vs 16Mbps) Lower Standby Current
(1
µA vs 10 µA)
MAX3073E
SN65HVD34:
Higher Signaling Rate (5Mbps vs 500kbps) Lower Standby Current
(1
µA vs 10 µA)
MAX3070E
SN65HVD35:
Higher Signaling Rate (1Mbps vs 250kbps) Lower Standby Current
(1
µA vs 10 µA)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2005, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65HVD30D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30D TI-SN65HVD30D Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30D TI1-SN65HVD30D Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD30DG4 TI-SN65HVD30DG4 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30DG4 TI1-SN65HVD30DG4 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD30DR TI-SN65HVD30DR Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
More results

Similar Description - SN65HVD30D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI-SN65HVD3080E_07 Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com