Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM6264ALP-12T Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HM6264ALP-12T
Description  8192-word x 8-bit High Speed CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM6264ALP-12T Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HM6264ALP-12T Datasheet HTML 2Page - Hitachi Semiconductor HM6264ALP-12T Datasheet HTML 3Page - Hitachi Semiconductor HM6264ALP-12T Datasheet HTML 4Page - Hitachi Semiconductor HM6264ALP-12T Datasheet HTML 5Page - Hitachi Semiconductor HM6264ALP-12T Datasheet HTML 6Page - Hitachi Semiconductor HM6264ALP-12T Datasheet HTML 7Page - Hitachi Semiconductor HM6264ALP-12T Datasheet HTML 8Page - Hitachi Semiconductor HM6264ALP-12T Datasheet HTML 9Page - Hitachi Semiconductor HM6264ALP-12T Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
HM6264A Series
HM6264A Series
Write Timing Waveform (2) (
OE Low Fix)
tWC
tAW
tCW *2
*6
tCW *2
tWP *1
tAS *3
*5
tWHZ
tOH
tOW
*7
*8
tDH
tDW
*9
Address
CS1
CS2
Dout
Din
WE
tWR *4
Valid Data
Notes: 1.
2.
3.
4.
5.
6.
7.
8.
9.
A write occurs during the overlap of a low
CS1, a high CS2, and a low WE. A write begins
at the latest transition among
CS1 going low, CS2 going high and WE going low. A write
ends at the earliest transition among
CS1 going high, CS2 going low and WE going high.
Time tWP is measured from the beginning of write to the end of write.
tCW is measured from the later of CS1 going low or CS2 going high to the end of write.
tAS is measured from the address valid to the beginning of write.
tWR is measured from the earliest of CS1 or WE going high or CS2 going low to the end
of the write cycle.
During this period, I/O pins are in the output state, therefore the input signals of opposite
phase to the outputs must not be applied.
If
CS1 goes low simultaneously with WE going low or after WE goes low, the outputs
remain in high impedance state.
Dout is the same phase of the latest written data in this write cycle.
Dout is the read data of the next address.
If
CS1 is low and CS2 is high during this period, I/O pins are in the output state. Input signals
of opposite phase to the outputs must not be applied to I/O pins


Similar Part No. - HM6264ALP-12T

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM6264A HITACHI-HM6264A Datasheet
592Kb / 8P
   8192-word x 8-bit High Speed CMOS Static RAM
More results

Similar Description - HM6264ALP-12T

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK5863AP SONY-CXK5863AP Datasheet
291Kb / 7P
   8192 word x 8-bit High Speed CMOS Static RAM
logo
Hitachi Semiconductor
HM6264LP-70 HITACHI-HM6264LP-70 Datasheet
592Kb / 8P
   8192-word x 8-bit High Speed CMOS Static RAM
logo
NEC
UPD4364 NEC-UPD4364 Datasheet
307Kb / 6P
   8192 X 8 BIT STATIC CMOS RAM
logo
Mitsubishi Electric Sem...
M5M5165P MITSUBISHI-M5M5165P Datasheet
394Kb / 6P
   65536-BIT (8192-WORD BY 8-BIT) CMOS STATIC RAM
logo
Sony Corporation
CXK5T81000ATM SONY-CXK5T81000ATM Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000ATN SONY-CXK5T81000ATN Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5V8257BTM SONY-CXK5V8257BTM Datasheet
204Kb / 9P
   32768-word X 8-bit High Speed CMOS Static RAM
CXK58512TM SONY-CXK58512TM Datasheet
210Kb / 12P
   65536-word X 8-bit High Speed CMOS Static RAM
logo
Hitachi Semiconductor
HM628512AI HITACHI-HM628512AI Datasheet
509Kb / 17P
   524288-word x 8-bit High Speed CMOS Static RAM
HM62256A HITACHI-HM62256A Datasheet
71Kb / 11P
   32,768-word x 8-bit High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com