Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM6264ALP-15T Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HM6264ALP-15T
Description  8192-word x 8-bit High Speed CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM6264ALP-15T Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HM6264ALP-15T Datasheet HTML 1Page - Hitachi Semiconductor HM6264ALP-15T Datasheet HTML 2Page - Hitachi Semiconductor HM6264ALP-15T Datasheet HTML 3Page - Hitachi Semiconductor HM6264ALP-15T Datasheet HTML 4Page - Hitachi Semiconductor HM6264ALP-15T Datasheet HTML 5Page - Hitachi Semiconductor HM6264ALP-15T Datasheet HTML 6Page - Hitachi Semiconductor HM6264ALP-15T Datasheet HTML 7Page - Hitachi Semiconductor HM6264ALP-15T Datasheet HTML 8Page - Hitachi Semiconductor HM6264ALP-15T Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DC and Operating Characteristics (VCC = 5 V ± 10%,VSS = 0 V, Ta = 0 to +70°C)
Parameter
Symbol
Min
Typ
Max
Unit
Test condition
Input leakage current
|ILI|
2
µA
Vin = VSS to VCC
Output leakage current |ILO|—
2
µA
CS1 = V
IH or CS2 = VIL or OE = VIH or
WE = V
IL, VI/O = VSS to VCC
Operating power
ICCDC
7
15
mA
CS1 = V
IL, CS2 = VIH, II/O = 0 mA
supply current
ICC1
—30
45*5
mA
Min. cycle, duty = 100%,
—30
55*6
CS1 = V
IL, CS2 = VIH, II/O = 0 mA
ICC2
3
5
mA
Cycle time = 1 µs, duty = 100%,
II/O = 0 mA, CS1 ≤ 0.2 V,
CS2
≥ V
CC – 0.2 V, VIH ≥ VCC – 0.2 V,
VIL ≤ 0.2 V
ISB
13mA
CS1 = V
IH or CS2 = VIL
ISB1 *2
0.02
2
mA
CS1
≥ VCC – 0.2 V, CS2 ≥ VCC – 0.2 V or
————————————
—2*3
100*3 µA
0 V
≤ CS2 ≤ 0.2 V, 0 V ≤ Vin
—————————
—2*4
50*4
VOL
0.4
V
IOL = 2.1 mA
VOH
2.4
V
IOH = –1.0 mA
Notes:
1. Typical values are at VCC = 5.0 V, Ta = 25°C and not guaranteed.
2. VIL min = –0.3 V
3. These characteristics are guaranteed only for the L-version.
4. These characteristics are guaranteed only for the LL-version.
5. For 120 ns/150 ns version.
6. For 100 ns version.
Capacitance (f = 1 MHz, Ta = 25°C)*1
Parameter
Symbol
Typ
Max
Unit
Test condition
Input capacitance
Cin
5
pF
Vin = 0 V
Input/output capacitance
CI/O
7
pF
VI/O = 0 V
Note:
1. This parameter is sampled and is not 100% tested.
Output voltage
Standby power supply
current
Average operating
current
4
HM6264A Series
HM6264A Series


Similar Part No. - HM6264ALP-15T

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM6264A HITACHI-HM6264A Datasheet
592Kb / 8P
   8192-word x 8-bit High Speed CMOS Static RAM
More results

Similar Description - HM6264ALP-15T

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK5863AP SONY-CXK5863AP Datasheet
291Kb / 7P
   8192 word x 8-bit High Speed CMOS Static RAM
logo
Hitachi Semiconductor
HM6264LP-70 HITACHI-HM6264LP-70 Datasheet
592Kb / 8P
   8192-word x 8-bit High Speed CMOS Static RAM
logo
NEC
UPD4364 NEC-UPD4364 Datasheet
307Kb / 6P
   8192 X 8 BIT STATIC CMOS RAM
logo
Mitsubishi Electric Sem...
M5M5165P MITSUBISHI-M5M5165P Datasheet
394Kb / 6P
   65536-BIT (8192-WORD BY 8-BIT) CMOS STATIC RAM
logo
Sony Corporation
CXK5T81000ATM SONY-CXK5T81000ATM Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000ATN SONY-CXK5T81000ATN Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5V8257BTM SONY-CXK5V8257BTM Datasheet
204Kb / 9P
   32768-word X 8-bit High Speed CMOS Static RAM
CXK58512TM SONY-CXK58512TM Datasheet
210Kb / 12P
   65536-word X 8-bit High Speed CMOS Static RAM
logo
Hitachi Semiconductor
HM628512AI HITACHI-HM628512AI Datasheet
509Kb / 17P
   524288-word x 8-bit High Speed CMOS Static RAM
HM62256A HITACHI-HM62256A Datasheet
71Kb / 11P
   32,768-word x 8-bit High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com