Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1320A Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # 2SB1320A
Description  Silicon PNP epitaxial planer type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB1320A Datasheet(HTML) 3 Page - Panasonic Semiconductor

  2SB1320A Datasheet HTML 1Page - Panasonic Semiconductor 2SB1320A Datasheet HTML 2Page - Panasonic Semiconductor 2SB1320A Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Transistors
2SB1320A
3
Cre  VCE
NF
 I
E
NF
 I
E
h Parameter
 I
E
h Parameter
 V
CB
ICBO  Ta
Collector to emitter voltage V
CE (V)
0
6
5
4
3
2
1
0
−30
−5
−25
−10
−20
−15
IE
= 1 mA
f
= 10.7 MHz
Ta
= 25°C
Emitter current I
E (mA)
0
6
5
4
3
2
1
− 0.01 − 0.03 − 0.1 − 0.3
−1
−3
−10
VCB
= −5 V
f
= 1 kHz
Rg
= 2 kΩ
Ta
= 25°C
− 0.1
− 0.3
−1
−3
–10
−2
− 0.5
− 0.2
−5
Emitter current I
E (mA)
0
4
8
12
20
18
14
10
6
2
16
VCB
= −5 V
Rg
= 50 kΩ
Ta
= 25°C
f
= 100 Hz
10 kHz
1 kHz
1
2
3
5
10
20
30
50
100
200
300
−1
−3
−10
−2
−5
− 0.1
− 0.3− 0.5
− 0.2
hfe
hoe (
µS)
hie (k
Ω)
hre (
×10−4)
Emitter current I
E (mA)
VCB
= −5 V
f
= 270 Hz
Ta
= 25°C
1
−1
2
3
5
10
20
30
50
100
200
300
−3
−10
−30
−100
−20
−5
−2
−50
hfe
hoe (
µS)
hie (k
Ω)
hre (
×10−4)
Collector to vase voltage V
CB (V)
IE
= −2 mA
f
= 270 Hz
Ta
= 25°C
1
2
3
5
10
20
30
50
100
Ambient temperature T
a (°C)
0
150
75
25
125
50
100
VCB
= −10 V


Similar Part No. - 2SB1320A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB1321A PANASONIC-2SB1321A Datasheet
68Kb / 3P
   Silicon PNP epitaxial planer type
2SB1322A PANASONIC-2SB1322A Datasheet
70Kb / 3P
   Silicon PNP epitaxial planer type(For low-frequency power amplification)
logo
TRANSYS Electronics Lim...
2SB1322A TEL-2SB1322A Datasheet
63Kb / 1P
   Plastic-Encapsulated Transistors
logo
SeCoS Halbleitertechnol...
2SB1322A SECOS-2SB1322A Datasheet
83Kb / 1P
   PNP Plastic Encapsulated Transistor
logo
SHENZHEN YONGERJIA INDU...
2SB1322A WINNERJOIN-2SB1322A Datasheet
134Kb / 1P
   TRANSISTOR (PNP)
More results

Similar Description - 2SB1320A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB642 PANASONIC-2SB642 Datasheet
50Kb / 3P
   Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SB790 PANASONIC-2SB790 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SC5609 PANASONIC-2SC5609 Datasheet
45Kb / 1P
   Silicon PNP epitaxial planer type
2SA1254 PANASONIC-2SA1254 Datasheet
38Kb / 2P
   Silicon PNP epitaxial planer type
2SA1309A PANASONIC-2SA1309A Datasheet
35Kb / 2P
   Silicon PNP epitaxial planer type
2SA1512 PANASONIC-2SA1512 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type
2SA1531 PANASONIC-2SA1531 Datasheet
50Kb / 3P
   Silicon PNP epitaxial planer type
2SA1534 PANASONIC-2SA1534 Datasheet
47Kb / 3P
   Silicon PNP epitaxial planer type
2SA1739 PANASONIC-2SA1739 Datasheet
40Kb / 2P
   Silicon PNP epitaxial planer type
2SA1982 PANASONIC-2SA1982 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type
2SA2009 PANASONIC-2SA2009 Datasheet
43Kb / 1P
   Silicon PNP epitaxial planer type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com