Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74VHCT125D Datasheet(PDF) 4 Page - Integral Corp.

Part # IN74VHCT125D
Description  Quad 3-State Noninverting Buffers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74VHCT125D Datasheet(HTML) 4 Page - Integral Corp.

  IN74VHCT125D Datasheet HTML 1Page - Integral Corp. IN74VHCT125D Datasheet HTML 2Page - Integral Corp. IN74VHCT125D Datasheet HTML 3Page - Integral Corp. IN74VHCT125D Datasheet HTML 4Page - Integral Corp. IN74VHCT125D Datasheet HTML 5Page - Integral Corp. IN74VHCT125D Datasheet HTML 6Page - Integral Corp. IN74VHCT125D Datasheet HTML 7Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IN74VHCT125
DC electrical characteristics
Value
25
°C
–40
to 85
°C
Symbo
l
Parameter
Test conditions
VCC,
V
min
max
min
max
Unit
VIH High input voltage
-
4.5 –
5.5
2.0
-
2.0
-
V
VIL Low input voltage
-
4.5 –
5.5
0.8
0.8
4.5
4.42
4.4
VI = VIH or VIL
IO = -50 mkA
5.5
5.42
5.4
VOH High output voltage
VI = VIH or VIL;
IO = -8 mA
4.5
3.94
3.80
4.5
0.09
0.1
VI = VIH or VIL
IO = 50 mkA
5.5
0.09
0.1
VOL Low output voltage
VI = VIH or VIL
IO = 8 mA
4.5
0.36
0.44
IOZ
Output
current
in
"off" state
VI = 2.0V
VO = VCC or 0V
5.5
-
±0.25
-
±2.5
mkA
II
Input current
VI = 0 V or VCC
5.5
±0.1
±1.0
IIH1 High
level
input
current
VI = 5.5V
0
-
±0.1
-
±1.0
uA
ICC
Consumption current VI =VCC or 0V
5.5
-
4.0
-
40.0
ICCT TTL-input
consumption current
VI = 3.4 V
5.5
-
1.35
-
1.5
mA
4


Similar Part No. - IN74VHCT125D

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74VHCT125D IKSEMICON-IN74VHCT125D Datasheet
268Kb / 7P
   Quad 3-State Noninverting Buffers
More results

Similar Description - IN74VHCT125D

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74VHC126 IKSEMICON-IN74VHC126 Datasheet
285Kb / 7P
   QUAD 3-STATE NONINVERTING BUFFERS
IN74VHCT125 IKSEMICON-IN74VHCT125 Datasheet
268Kb / 7P
   Quad 3-State Noninverting Buffers
logo
KODENSHI_AUK CORP.
KK74VHCT126 KODENSHI-KK74VHCT126 Datasheet
280Kb / 7P
   Quad 3-State Noninverting Buffers
logo
System Logic Semiconduc...
SL74HC125 SLS-SL74HC125 Datasheet
45Kb / 5P
   Quad 3-State Noninverting Buffers
logo
ON Semiconductor
MC74HC125A ONSEMI-MC74HC125A Datasheet
171Kb / 8P
   Quad 3-State Noninverting Buffers
March, 2000 ??Rev. 9
logo
Integral Corp.
IN74HCT125A INTEGRAL-IN74HCT125A Datasheet
136Kb / 5P
   QUAD 3-STATE NONINVERTING BUFFERS
logo
KODENSHI_AUK CORP.
KK74VHCT125 KODENSHI-KK74VHCT125 Datasheet
279Kb / 7P
   Quad 3-State Noninverting Buffers
logo
ON Semiconductor
MC74HC125A ONSEMI-MC74HC125A_14 Datasheet
113Kb / 7P
   Quad 3-State Noninverting Buffers
August, 2014 ??Rev. 15
MC74HC126ANG ONSEMI-MC74HC126ANG Datasheet
148Kb / 8P
   Quad 3-State Noninverting Buffers
May, 2013 ??Rev. 14
logo
IK Semicon Co., Ltd
IN74HC125A IKSEMICON-IN74HC125A Datasheet
201Kb / 6P
   Quad 3-State Noninverting Buffers
IN74VHCT126 IKSEMICON-IN74VHCT126 Datasheet
269Kb / 7P
   Quad 3-State Noninverting Buffers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com