Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C10T06Q Datasheet(PDF) 3 Page - Nihon Inter Electronics Corporation

Part # C10T06Q
Description  Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

C10T06Q Datasheet(HTML) 3 Page - Nihon Inter Electronics Corporation

  C10T06Q Datasheet HTML 1Page - Nihon Inter Electronics Corporation C10T06Q Datasheet HTML 2Page - Nihon Inter Electronics Corporation C10T06Q Datasheet HTML 3Page - Nihon Inter Electronics Corporation C10T06Q Datasheet HTML 4Page - Nihon Inter Electronics Corporation C10T06Q Datasheet HTML 5Page - Nihon Inter Electronics Corporation C10T06Q Datasheet HTML 6Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FORWARD CURRENT VS. VOLTAGE
C10T06Q/C10T06Q-11A (per Arm)
0
0.2
0.4
0.6
0.8
1.0
1.2
INSTANTANEOUS FORWARD VOLTAGE (V)
0.5
1
2
5
10
20
Tj=25°C
Tj=150°C
AVERAGE FORWARD POWER DISSIPATION
0
2
4
6
8
10
12
AVERAGE FORWARD CURRENT (A)
0
1
2
3
4
5
6
7
8
C10T06Q/C10T06Q-11A (Total)
180°
θ
CONDUCTION ANGLE
SINE WAVE
RECT 180°


Similar Part No. - C10T06Q

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
C10T06Q-11A NIEC-C10T06Q-11A Datasheet
54Kb / 6P
   Schottky Barrier Diode
C10T06QH NIEC-C10T06QH Datasheet
54Kb / 6P
   Schottky Barrier Diode
C10T06QH-11A NIEC-C10T06QH-11A Datasheet
55Kb / 6P
   Schottky Barrier Diode
logo
National Instruments Co...
C10T06QH-11A NI-C10T06QH-11A_15 Datasheet
139Kb / 1P
   SBD
C10T06QH-11A_2015 NI-C10T06QH-11A_2015 Datasheet
139Kb / 1P
   SBD
More results

Similar Description - C10T06Q

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com