Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC860BF Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BC860BF
Description  PNP Silicon AF Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC860BF Datasheet(HTML) 4 Page - Infineon Technologies AG

  BC860BF Datasheet HTML 1Page - Infineon Technologies AG BC860BF Datasheet HTML 2Page - Infineon Technologies AG BC860BF Datasheet HTML 3Page - Infineon Technologies AG BC860BF Datasheet HTML 4Page - Infineon Technologies AG BC860BF Datasheet HTML 5Page - Infineon Technologies AG BC860BF Datasheet HTML 6Page - Infineon Technologies AG BC860BF Datasheet HTML 7Page - Infineon Technologies AG BC860BF Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Jun-16-2004
4
BC857BF...BC860BF
DC current gain hFE = ƒ(IC)
VCE = 5 V
10
10
10
10
EHP00382
h
mA
-2
-1
12
FE
3
10
10
2
0
10
5
5
10
1
0
10
5
555
100
25
-50
C
Ι
C
C
C
Collector-emitter saturation voltage
IC = ƒ(VCEsat), hFE = 20
10
0
EHP00380
V
CEsat
10
mA
10
10
2
1
0
-1
5
5
V
0.3
0.5
100
25
-50
0.1
0.2
0.4
C
Ι
C
C
C
Base-emitter saturation voltage
IC = ƒ(VBEsat), hFE = 20
0
10
EHP00379
BEsat
V
0.6
V
1.2
-1
100
101
2
10
5
5
Ι
C
mA
0.2
0.4
0.8
C
25
C
100 C
-50C
Collector cutoff current ICBO = ƒ(TA)
VCB = 30 V
10
0
50
100
150
EHP00381
T
A
5
10
10
nA
10
Ι
CB0
5
5
5
10
10
4
3
2
1
0
-1
max
typ
C


Similar Part No. - BC860BF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC860B PHILIPS-BC860B Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
logo
Nexperia B.V. All right...
BC860B NEXPERIA-BC860B Datasheet
355Kb / 9P
   PNP general purpose transistors
2004 Jan 16
logo
Siemens Semiconductor G...
BC860B SIEMENS-BC860B Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BC860B FAIRCHILD-BC860B Datasheet
68Kb / 5P
   Switching and Amplifier Applications
logo
Infineon Technologies A...
BC860B INFINEON-BC860B Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
More results

Similar Description - BC860BF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BC857BE6327 INFINEON-BC857BE6327 Datasheet
866Kb / 11P
   PNP Silicon AF Transistor
2011-09-19
BCP69 INFINEON-BCP69_08 Datasheet
517Kb / 6P
   PNP Silicon AF Transistor
2008-10-10
BC856T INFINEON-BC856T Datasheet
145Kb / 6P
   PNP Silicon AF Transistor
Jan-08-2002
BC807 INFINEON-BC807_07 Datasheet
111Kb / 11P
   PNP Silicon AF Transistor
2007-06-08
BCW61 INFINEON-BCW61 Datasheet
88Kb / 9P
   PNP Silicon AF Transistor
Jul-10-2001
BCP69 INFINEON-BCP69 Datasheet
43Kb / 4P
   PNP Silicon AF Transistor
Nov-29-2001
logo
Siemens Semiconductor G...
SMBTA56M SIEMENS-SMBTA56M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor
logo
Infineon Technologies A...
BC857T INFINEON-BC857T Datasheet
55Kb / 6P
   PNP Silicon AF Transistor
Nov-29-2001
SMBTA56M INFINEON-SMBTA56M Datasheet
45Kb / 4P
   PNP Silicon AF Transistor
Nov-30-2001
BC856 INFINEON-BC856_08 Datasheet
887Kb / 14P
   PNP Silicon AF Transistor
2008-04-29
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com