Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OD-S589B Datasheet(PDF) 2 Page - NEC

Part # OD-S589B
Description  SMT-InGaAs PIN-Amp Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

OD-S589B Datasheet(HTML) 2 Page - NEC

  OD-S589B Datasheet HTML 1Page - NEC OD-S589B Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Sales Department, Fiber Optic Devices Division
Optical Network Operations Unit, NEC Networks
NEC Corporation
1753 Shimonumabe,Nakahara-ku,Kawasaki,Kanagawa 211-8666,Japan
Tel:+81-44-435-5412 Fax:+81-44-435-5109
http://networks.nec.co.jp/on/dd/en/
Copyright © 2002 NEC Corporation
NEC Electronics (Europe) GmbH
Sales and marketing of semiconductors across Europe
Oberratherstr. 4, 40472 Dusseldorf, Germany
Tel:+49-211-6503-979 FAX:+49-211-6503-358
USA&CANADA
NEC FiberOptech, Inc.
10050 North Wolfe Road, Suite SW1-290 Cupertino, CA 95014,USA
Tel: +1-408-863-2000 Fax: +1-408-863-2019
OD-S589A
OD-S589B
Parameter
Conditions
Unit
Min.
Typ
Min.
Min.
Typ
Min.
BER = 10
-10
dBm
− 36
− 35
− 31
− 30
Sensitivity
−40∼85°C
− 32
Optical Overload
dBm
− 3
0
− 3
0
Band Width
3dB down
MHz
100
150
500
600
Trans Impedance
k
44
21
Operating Voltage
V
+ 3.0
+ 3.3
+ 3.5
+ 3.0
+ 3.3
+ 3.5
Responsivity
A/W
0.9
0.9
OPTICAL / ELECTRICAL CHARACTERISTICS
(Ta=+25°C, unless noted)
DIMENSIONS
(Unit:mm)
DATA SUBJECT TO CHANGE WITHOUT NOTICE
7.62 ± 0.2
0.2
2.9


Similar Part No. - OD-S589B

ManufacturerPart #DatasheetDescription
logo
Yuechung International ...
OD-S5 YIC-OD-S5 Datasheet
294Kb / 1P
   OD-S5 Series : Programmable LVDS Crystal Clock Oscillator 5.0x3.2mm
logo
NEC
OD-S559 NEC-OD-S559 Datasheet
251Kb / 3P
   1310nm DFB-LD Module
More results

Similar Description - OD-S589B

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
P-20A ADVANCEDPHOTONIX-P-20A Datasheet
102Kb / 2P
   An ultrafast, InGaAs PIN photodetector module
P-15B ADVANCEDPHOTONIX-P-15B Datasheet
100Kb / 2P
   An ultrafast, InGaAs PIN photodetector module
logo
List of Unclassifed Man...
CIPRM ETC2-CIPRM Datasheet
632Kb / 5P
   Coherent InGaAs PIN balanced receiver module
logo
Optoway Technology Inc
PDA-1300 OPTOWAY-PDA-1300 Datasheet
67Kb / 2P
   InGaAs PIN Photodiode Module for CATV Receiver
PDA-1300 OPTOWAY-PDA-1300_09 Datasheet
116Kb / 3P
   InGaAs PIN Photodiode Module for CATV Receiver
PDA-1500-FA OPTOWAY-PDA-1500-FA Datasheet
61Kb / 2P
   InGaAs PIN Photodiode Module for CATV Receiver
PDA-1500-SA OPTOWAY-PDA-1500-SA Datasheet
111Kb / 3P
   InGaAs PIN Photodiode Module for CATV Receiver
PDA-1500-XA OPTOWAY-PDA-1500-XA Datasheet
68Kb / 2P
   InGaAs PIN Photodiode Module for CATV Receiver
PD-1350 OPTOWAY-PD-1350 Datasheet
62Kb / 2P
   Mini-Size InGaAs PIN PD MODULE InGaAs PIN PHOTODIODE WITH SINGLE-MODE FIBER PIGTAIL
logo
Hamamatsu Corporation
G8376 HAMAMATSU-G8376_06 Datasheet
182Kb / 2P
   InGaAs PIN photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com