Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT5T9316NLI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT5T9316NLI
Description  2.5V LVDS 1:16 CLOCK BUFFER TERABUFFER II
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5T9316NLI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT5T9316NLI Datasheet HTML 2Page - Integrated Device Technology IDT5T9316NLI Datasheet HTML 3Page - Integrated Device Technology IDT5T9316NLI Datasheet HTML 4Page - Integrated Device Technology IDT5T9316NLI Datasheet HTML 5Page - Integrated Device Technology IDT5T9316NLI Datasheet HTML 6Page - Integrated Device Technology IDT5T9316NLI Datasheet HTML 7Page - Integrated Device Technology IDT5T9316NLI Datasheet HTML 8Page - Integrated Device Technology IDT5T9316NLI Datasheet HTML 9Page - Integrated Device Technology IDT5T9316NLI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
INDUSTRIALTEMPERATURERANGE
6
IDT5T9316
2.5VLVDS1:16CLOCKBUFFERTERABUFFERII
DIFFERENTIAL INPUT AC TEST CONDITIONS FOR LVDS
Symbol
Parameter
Value
Units
VDIF
Input Signal Swing(1)
400
mV
VX
DifferentialInputSignalCrossingPoint(2)
1.2
V
DH
Duty Cycle
50
%
VTHI
InputTimingMeasurementReferenceLevel(3)
CrossingPoint
V
tR, tF
InputSignalEdgeRate(4)
2
V/ns
NOTES:
1. The 400mV peak-to-peak input pulse level is specified to allow consistent, repeatable results in an automatic test equipment (ATE) environment. This device meets the VDIF (AC)
specification under actual use conditions.
2. A 1.2V crossing point level is specified to allow consistent, repeatable results in an automatic test equipment (ATE) environment. This device meets the VX specification under
actual use conditions.
3. In all cases, input waveform timing is marked at the differential cross-point of the input signals.
4. The input signal edge rate of 2V/ns or greater is to be maintained in the 20% to 80% range of the input waveform.
AC DIFFERENTIAL INPUT SPECIFICATIONS(1)
Symbol
Parameter
Min.
Typ.
Max
Unit
VDIF
ACDifferentialVoltage(2)
0.1
3.6
V
VIX
DifferentialInputCrosspointVoltage
0.05
VDD
V
VCM
CommonModeInputVoltageRange(3)
0.05
VDD
V
VIN
InputVoltage
- 0.3
+3.6
V
NOTES:
1. The output will not change state until the inputs have crossed and the minimum differential voltage range defined by VDIF has been met or exceeded.
2. VDIF specifies the minimum input voltage (VTR - VCP) required for switching where VTR is the "true" input level and VCP is the "complement" input level. The AC differential voltage
must be achieved to guarantee switching to a new state.
3. VCM specifies the maximum allowable range of (VTR + VCP) /2.
POWER SUPPLY CHARACTERISTICS FOR LVDS OUTPUTS(1)
Symbol
Parameter
Test Conditions
Typ.
Max
Unit
IDDQ
Quiescent VDD Power Supply Current
VDD = Max., All Input Clocks = LOW(2)
350
mA
Outputsenabled
ITOT
Total Power VDD Supply Current
VDD = 2.7V., FREFERENCE CLOCK = 1GHz
360
mA
IPD
Total Power Down Supply Current
PD = LOW
5
mA
NOTES:
1. These power consumption characteristics are for all the valid input interfaces and cover the worst case conditions.
2. The true input is held LOW and the complementary input is held HIGH.


Similar Part No. - IDT5T9316NLI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5T9310 IDT-IDT5T9310 Datasheet
90Kb / 12P
   2.5V LVDS 1:10 CLOCK BUFFER TERABUFFER II
IDT5T9310 IDT-IDT5T9310 Datasheet
231Kb / 13P
   2.5V LVDS 1:10 CLOCK BUFFER TERABUFFER II Selectable inputs
IDT5T9310NLI IDT-IDT5T9310NLI Datasheet
90Kb / 12P
   2.5V LVDS 1:10 CLOCK BUFFER TERABUFFER II
IDT5T9310NLI IDT-IDT5T9310NLI Datasheet
231Kb / 13P
   2.5V LVDS 1:10 CLOCK BUFFER TERABUFFER II Selectable inputs
IDT5T9310 IDT-IDT5T9310_05 Datasheet
231Kb / 13P
   2.5V LVDS 1:10 CLOCK BUFFER TERABUFFER II Selectable inputs
More results

Similar Description - IDT5T9316NLI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT5T9306NLGI ETC2-IDT5T9306NLGI Datasheet
373Kb / 16P
   2.5V LVDS 1:6 Clock Buffer Terabuffer??II
logo
Integrated Device Techn...
IDT5T9310 IDT-IDT5T9310 Datasheet
90Kb / 12P
   2.5V LVDS 1:10 CLOCK BUFFER TERABUFFER II
IDT5T9306 IDT-IDT5T9306 Datasheet
205Kb / 13P
   2.5V LVDS 1:6 CLOCK BUFFER TERABUFFER??II
IDT5T9306 IDT-IDT5T9306_08 Datasheet
219Kb / 14P
   2.5V LVDS 1:6 CLOCK BUFFER TERABUFFER??II
IDT5T9306 IDT-IDT5T9306_07 Datasheet
237Kb / 13P
   2.5V LVDS 1:6 CLOCK BUFFER TERABUFFER??II
IDT5T93GL02 IDT-IDT5T93GL02 Datasheet
145Kb / 14P
   2.5V LVDS 1:2 GLITCHLESS CLOCK BUFFER TERABUFFER??II
IDT5T93GL061 IDT-IDT5T93GL061 Datasheet
147Kb / 14P
   2.5V LVDS 1:6 GLITCHLESS CLOCK BUFFER TERABUFFER??II
IDT5T93GL10 IDT-IDT5T93GL10 Datasheet
185Kb / 15P
   2.5V LVDS 1:10 GLITCHLESS CLOCK BUFFER TERABUFFER??II
logo
Renesas Technology Corp
IDT5T9302I RENESAS-IDT5T9302I Datasheet
387Kb / 16P
   2.5V LVDS, 1:2 Clock Buffer Terabuffer™II
2019
IDT5T9306 RENESAS-IDT5T9306 Datasheet
440Kb / 18P
   2.5V LVDS 1:6 Clock Buffer Terabuffer™ II
NOVEMBER 29, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com