Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74AC139D Datasheet(PDF) 4 Page - Integral Corp.

Part # IN74AC139D
Description  Dual 1-of-4 Decoder/Demultiplexer High-Speed Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74AC139D Datasheet(HTML) 4 Page - Integral Corp.

  IN74AC139D Datasheet HTML 1Page - Integral Corp. IN74AC139D Datasheet HTML 2Page - Integral Corp. IN74AC139D Datasheet HTML 3Page - Integral Corp. IN74AC139D Datasheet HTML 4Page - Integral Corp. IN74AC139D Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IN74AC139
166
AC ELECTRICAL CHARACTERISTICS(C
L=50pF,Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C-40°C to
85
°C
Unit
Min
Max
Min
Max
tPLH
Propagation Delay , Input A to Output Y
(Figure 2)
3.3
5.0
4.0
3.0
11.5
8.5
3.5
2.5
13
9.5
ns
tPHL
Propagation Delay , Input A to Output Y
(Figure 2)
3.3
5.0
3.0
2.5
10
7.5
2.5
2.0
11
8.5
ns
tPLH
Propagation Delay, Select to Output Y (Figure
1)
3.3
5.0
4.5
3.5
12
8.5
3.5
3.0
13
10
ns
tPHL
Propagation Delay, Select to Output Y (Figure
1)
3.3
5.0
4.0
2.5
10
7.5
3.0
2.5
11
8.5
ns
CIN
Maximum Input Capacitance
5.0
4.5
4.5
pF
Typical @25
°C,V
CC=5.0 V
CPD
Power Dissipation Capacitance
40
pF
*Voltage Range 3.3 V is 3.3 V
±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V
Figure 1. Switching Waveform
Figure 2. Switching Waveform


Similar Part No. - IN74AC139D

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74AC139D IKSEMICON-IN74AC139D Datasheet
177Kb / 6P
   Dual 1-of-4 Decoder/Demultiplexer High-Speed Silicon-Gate CMOS
More results

Similar Description - IN74AC139D

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74ACT139 IKSEMICON-IN74ACT139 Datasheet
176Kb / 6P
   Dual 1-of-4 Decoder/Demultiplexer High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT139 KODENSHI-KK74ACT139 Datasheet
247Kb / 6P
   Dual 1-of-4 Decoder/Demultiplexer High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC139 IKSEMICON-IN74AC139 Datasheet
177Kb / 6P
   Dual 1-of-4 Decoder/Demultiplexer High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC139 KODENSHI-KK74AC139 Datasheet
248Kb / 6P
   Dual 1-of-4 Decoder/Demultiplexer High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HCT139A IKSEMICON-IN74HCT139A Datasheet
209Kb / 6P
   Dual 1-of-4 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC139A INTEGRAL-IN74HC139A Datasheet
103Kb / 5P
   Dual 1-of-4 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT139 SLS-SL74HCT139 Datasheet
46Kb / 5P
   Dual 1-of-4 Decoder/Demultiplexer(High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74HCT139A KODENSHI-KK74HCT139A Datasheet
223Kb / 6P
   Dual 1-of-4 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC138 IKSEMICON-IN74AC138 Datasheet
182Kb / 6P
   1-of-8 Decoder/Demultiplexer High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC138 KODENSHI-KK74AC138 Datasheet
264Kb / 6P
   1-of-8 Decoder/Demultiplexer High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com