Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V3683L15PF Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT72V3683L15PF
Description  3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3683L15PF Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT72V3683L15PF Datasheet HTML 7Page - Integrated Device Technology IDT72V3683L15PF Datasheet HTML 8Page - Integrated Device Technology IDT72V3683L15PF Datasheet HTML 9Page - Integrated Device Technology IDT72V3683L15PF Datasheet HTML 10Page - Integrated Device Technology IDT72V3683L15PF Datasheet HTML 11Page - Integrated Device Technology IDT72V3683L15PF Datasheet HTML 12Page - Integrated Device Technology IDT72V3683L15PF Datasheet HTML 13Page - Integrated Device Technology IDT72V3683L15PF Datasheet HTML 14Page - Integrated Device Technology IDT72V3683L15PF Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
11
COMMERCIALTEMPERATURERANGE
IDT72V3683/72V3693/72V36103 3.3V CMOS SyncFIFOTM WITH
BUS-MATCHING 16,384 x 36, 32,768 x 36 and 65,536 x 36
NOTE:
1. X register holds the offset for
AE; Y register holds the offset for AF.
2. When this method of parallel programming is selected, Port A will assume Non-Interspersed Parity.
3. When IP Mode is selected, only parallel programming of the offset values via Port A, can be performed and Port A will assume Interspersed Parity.
4. IF parallel programming is selected during a Master Reset, then FS0 & FS1 must remain LOW during FIFO operation.
— PRESET VALUES
ToloadaFIFO’sAlmost-EmptyflagandAlmost-FullflagOffsetregisterswith
oneofthefivepresetvalueslistedinTable1,theflagselectinputsmustbeHIGH
or LOW during a reset. For example, to load the preset value of 64 into X and
Y, FS0, FS1 and FS2 must be HIGH when
RS1returnsHIGH. Fortherelevant
preset value loading timing diagram, see Figure 3.
— PARALLEL LOAD FROM PORT A
ToprogramtheXandYregistersfromPortA,performaResetwithFS2HIGH
or LOW and FS0 and FS1 LOW during the LOW-to-HIGH transition of
RS1.
The state of FS2 at this point of reset will determine whether the parallel
programming method has Interspersed Parity or Non-Interspersed Parity.
Refer to Table 1 for Flag Programming Flag Offset setup. It is important to note
that once parallel programming has been selected during a Master Reset by
holding both FS0 & FS1 LOW, these inputs must remain LOW during all
subsequent FIFO operation. They can only be toggled HIGH when future
Master Resets are performed and other programming methods are desired.
After this reset is complete, the first two writes to the FIFO do not store data
in RAM. The first two write cycles load the offset registers in the order Y, X. On
thethirdwritecycletheFIFOisreadytobeloadedwithadataword. SeeFigure
5, Parallel Programming of the Almost-Full Flag and Almost-Empty Flag
Offset Values after Reset (IDT Standard and FWFT modes), for a detailed
timingdiagram.ForNon-InterspersedParitymodethePortAdatainputsused
bytheOffsetregistersare(A13-A0),(A14-A0),or(A15-A0)fortheIDT72V3683,
IDT72V3693, or IDT72V36103, respectively. For Interspersed Parity mode
the Port A data inputs used by the Offset registers are (A14-A9, A7-A0), (A15-
A9, A7-A0), or (A16-A9, A7-A0) for the IDT72V3683, IDT72V3693, or
IDT72V36103, respectively. The highest numbered input is used as the most
significantbitofthebinarynumberineachcase. Validprogrammingvaluesfor
the registers range from 1 to 16,380 for the IDT72V3683; 1 to 32,764 for the
IDT72V3693;and1to65,532fortheIDT72V36103. Afteralltheoffsetregisters
are programmed from Port A, the FIFO begins normal operation.
INTERSPERSED PARITY
Interspersed Parity is selected during a Master Reset of the FIFO. Refer
to Table 1 for the set-up configuration of Interspersed Parity. The Interspersed
Parityfunctionallowstheusertoselectthelocationoftheparitybitsintheword
loaded into the parallel port (A0-An) during programming of the flag offset
values. If Interspersed Parity is selected then during parallel programming of
the flag offset values, the device will ignore data line A8. If Non-Interspersed
Parity is selected then data line A8 will become a valid bit. If Interspersed Parity
isselectedserialprogrammingoftheoffsetvaluesisnotpermitted,onlyparallel
programming can be done.
— SERIAL LOAD
ToprogramtheXandYregistersserially,initiateaResetwithFS2LOW,FS0/
SDLOWandFS1/
SENHIGHduringtheLOW-to-HIGHtransitionofRS1. After
this reset is complete, the X and Y register values are loaded bit-wise through
the FS0/SD input on each LOW-to-HIGH transition of CLKA that the FS1/
SEN
input is LOW. There are 28-, 30- or 32-bit writes needed to complete the
programmingfortheIDT72V3683,IDT72V3693ortheIDT72V36103,respec-
tively. The two registers are written in the order Y, X. Each register value can
be programmed from 1 to 16,380 (IDT72V3683), 1 to 32,764 (IDT72V3693)
or 1 to 65,532 (IDT72V36103).
When the option to program the offset registers serially is chosen, the Full/
Input Ready (
FF/IR)flagremainsLOWuntilallregisterbitsarewritten. FF/IR
is set HIGH by the LOW-to-HIGH transition of CLKA after the last bit is loaded
to allow normal FIFO operation.
See Figure 6, Serial Programming of the Almost-Full Flag and Almost-
Empty Flag Offset Values after Reset (IDT Standard and FWFT Modes).
FIFO WRITE/READ OPERATION
ThestateofthePortAdata(A0-A35)linesiscontrolledbyPortAChipSelect
(
CSA)andPortAWrite/Readselect(W/RA). TheA0-A35linesareintheHigh-
impedance state when either
CSA or W/RA is HIGH. The A0-A35 lines are
active outputs when both
CSA and W/RA are LOW.
Data is loaded into the FIFO from the A0-A35 inputs on a LOW-to-HIGH
transition of CLKA when
CSA is LOW, W/RA is HIGH, ENA is HIGH, MBA is
LOW, and
FF/IRisHIGH(seeTable2). FIFOwritesonPortAareindependent
of any concurrent reads on Port B.
The Port B control signals are identical to those of Port A with the exception
thatthePortBWrite/Readselect(
W/RB)istheinverseofthePortAWrite/Read
select (W/
RA). ThestateofthePortBdata(B0-B35)linesiscontrolledbythe
Port B Chip Select (
CSB) and Port B Write/Read select (W/RB). The B0-B35
linesareinthehigh-impedancestatewheneither
CSBisHIGHorW/RBisLOW.
The B0-B35 lines are active outputs when
CSB is LOW and W/RB is HIGH.
DataisreadfromtheFIFOtotheB0-B35outputsbyaLOW-to-HIGHtransition
of CLKB when
CSB is LOW, W/RB is HIGH, ENB is HIGH, MBB is LOW, and
FS2
FS1/
SEN
FS0/SD
RS1
X AND Y REGlSTERS(1)
HH
H
64
HH
L
16
HL
H
8
LH
H
256
LL
H
1,024
LH
L
Serial programming via SD
HLL
Parallel programming via Port A(2,4)
LL
L
IP Mode(3,4)
TABLE 1 — FLAG PROGRAMMING


Similar Part No. - IDT72V3683L15PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3680 IDT-IDT72V3680 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
logo
Renesas Technology Corp
IDT72V3680 RENESAS-IDT72V3680 Datasheet
493Kb / 47P
   3.3V HIGH-DENSITY SUPERSYNC™ II 36-BIT FIFO 1,024 x 36, 2,048 x 36 4,096 x 36, 8,192 x 36 16,384 x 36, 32,768 x 36
AUGUST 2018
logo
Integrated Device Techn...
IDT72V3680L10PF IDT-IDT72V3680L10PF Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V3680L15PF IDT-IDT72V3680L15PF Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V3680L75PF IDT-IDT72V3680L75PF Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
More results

Similar Description - IDT72V3683L15PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3653 IDT-IDT72V3653_16 Datasheet
184Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3656 IDT-IDT72V3656_09 Datasheet
381Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT723653 IDT-IDT723653 Datasheet
323Kb / 29P
   CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
IDT72V3653 IDT-IDT72V3653 Datasheet
321Kb / 30P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING
IDT723623 IDT-IDT723623 Datasheet
463Kb / 28P
   CMOS BUS-MATCHING SyncFIFO
IDT72V36104 IDT-IDT72V36104 Datasheet
424Kb / 36P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING
IDT72V3664 IDT-IDT72V3664 Datasheet
275Kb / 37P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING
IDT723626 IDT-IDT723626 Datasheet
563Kb / 35P
   CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
   3.3 VOLT CMOS SyncFIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com