Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF228SC Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # MF228SC
Description  850 nm, 50 MHz High Performance LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MF228SC Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  MF228SC Datasheet HTML 1Page - Zarlink Semiconductor Inc MF228SC Datasheet HTML 2Page - Zarlink Semiconductor Inc MF228SC Datasheet HTML 3Page - Zarlink Semiconductor Inc MF228SC Datasheet HTML 4Page - Zarlink Semiconductor Inc MF228SC Datasheet HTML 5Page - Zarlink Semiconductor Inc MF228SC Datasheet HTML 6Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MF228
Data Sheet
2
Zarlink Semiconductor Inc.
Note 1: Measured at the exit of 100 meters of fiber.
Optical and Electrical Characteristics - Case Temperature 25°C
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Fiber-Coupled Power
(Figures 3, 4, and 5) (Table 1)
Pfiber
1000
1200
µWIF = 100 mA
(Note 1)
Fiber:
200/280
µm
Step
Index
NA = 0.24
Rise and Fall Time (10-90%)
tr,tf
710
ns
IF = 100 mA
(no bias)
Bandwidth (3dBel)fc
50
MHz
IF = 100 mA
Peak Wavelength
λp
830
850
870
nm
IF = 100 mA
Spectral Width (FWHM)
∆λ
50
nm
IF = 100 mA
Forward Voltage (Figure 7)
VF
1.8
2.2
V
IF = 100 mA
Reverse Current
IR
20
µAVR =1V
Capacitance
C
250
pF
VR-0 V, f = 1 MHz
Absolute Maximum Ratings
Parameter
Symbol
Limit
Storage Temperature
Tstg
-55 to +125°C
Operating Temperature (derating: Figure 6)
Top
-40 to +85°C
Electrical Power Dissipation (derating: Figure 6)
Ptot
250 mW
Continuous Forward Current (f<10 kHz)
IF
110 mA
Peak Forward Current (duty cycle<50%,f>1 MHz
IFRM
180 mA
Reverse Voltage
VR
1.5 V
Soldering Temperature (2mm from the case for 10 sec.)
Tsld
260°C
Thermal Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Thermal Resistance - Infinite Heat Sink
Rthjc
100
°C/W
Thermal Resistance - No Heat Sink
Rthja
400
°C/W
Temperature Coefficient - Optical Power
dP/dTj
-0.4
%/°C
Temperature Coefficient - Wavelength
d
λ/dTj
0.3
nm/°C
Typical Fiber-Coupled Power
Core Diameter/Cladding Diameter Numerical Aperture
50/125
µm
0.20
62.5/125
µm
0.275
100/140
µm
0.29
200/230
µm
0.37
200/280
µm
0.24
60
µW
150
µW450µW
1300
µW
1200
µW


Similar Part No. - MF228SC

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MF2207 RIEDON-MF2207 Datasheet
301Kb / 2P
   Precision / Metal Film Resistors
MF2207 RIEDON-MF2207 Datasheet
172Kb / 1P
   Precision / Metal Film Resistors
MF220711KOHM RIEDON-MF220711KOHM Datasheet
172Kb / 1P
   Precision / Metal Film Resistors
logo
GS Yuasa Battery Sales ...
MF222 GSYUASABATTERY-MF222 Datasheet
303Kb / 1P
   Capacity (20-hour) 135Ah
logo
Hirose Electric
MF22S-T2 HIROSE-MF22S-T2 Datasheet
356Kb / 9P
   Harsh Environment Fiber Optic Connectors
More results

Similar Description - MF228SC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MF436 ZARLINK-MF436 Datasheet
249Kb / 7P
   1300 nm - 50 MHz High Performance LED
MF194 ZARLINK-MF194 Datasheet
251Kb / 8P
   860 nm - 70 MHz High Performance LED
MF272 ZARLINK-MF272 Datasheet
218Kb / 6P
   810 nm - 70 MHz High Performance LED
logo
ams AG
SFH4718ASA01 AMSCO-SFH4718ASA01 Datasheet
1Mb / 20P
   OSLON Black Series (850 nm) - 50°
Version 1.2 2023-02-15
logo
Unity Opto Technology
MCE-8V4C-302 UOT-MCE-8V4C-302 Datasheet
81Kb / 2P
   850 nm VCSEL
MCE-8V4C-301 UOT-MCE-8V4C-301 Datasheet
81Kb / 2P
   850 nm VCSEL
logo
ams AG
SFH4059SR AMSCO-SFH4059SR Datasheet
764Kb / 17P
   Chip LED Lens High Power Infrared Emitter (850 nm)
Version 1.5 2021-09-30
logo
Unity Opto Technology
MCE-8V4C-312 UOT-MCE-8V4C-312 Datasheet
81Kb / 2P
   850 nm VCSEL
logo
OSRAM GmbH
SFH7251 OSRAM-SFH7251 Datasheet
361Kb / 15P
   Infrared Emitter (850 nm) and green GaP-LED (570 nm)
SFH-7251 OSRAM-SFH-7251 Datasheet
485Kb / 15P
   Infrared Emitter (850 nm) and green GaP-LED (570 nm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com