Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR105 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MUR105
Description  SWITCHMODE Power Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUR105 Datasheet(HTML) 2 Page - ON Semiconductor

  MUR105 Datasheet HTML 1Page - ON Semiconductor MUR105 Datasheet HTML 2Page - ON Semiconductor MUR105 Datasheet HTML 3Page - ON Semiconductor MUR105 Datasheet HTML 4Page - ON Semiconductor MUR105 Datasheet HTML 5Page - ON Semiconductor MUR105 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MUR120 Series
http://onsemi.com
2
MAXIMUM RATINGS
MUR
Rating
Symbol
105
110
115
120
130
140
160
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
150
200
300
400
600
V
Average Rectified Forward Current
(Square Wave Mounting Method #3 Per Note 1)
IF(AV)
1.0 @ TA = 130°C
1.0 @ TA = 120°C
A
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions, halfwave,
single phase, 60 Hz)
IFSM
35
A
Operating Junction Temperature and
Storage Temperature
TJ, Tstg
*65 to +175
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Maximum Thermal Resistance, Junction−to−Ambient
RqJA
Note 1
°C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 1)
(iF = 1.0 Amp, TJ = 150°C)
(iF = 1.0 Amp, TJ = 25°C)
vF
0.710
0.875
1.05
1.25
V
Maximum Instantaneous Reverse Current (Note 1)
(Rated DC Voltage, TJ = 150°C)
(Rated DC Voltage, TJ = 25°C)
iR
50
2.0
150
5.0
mA
Maximum Reverse Recovery Time
(IF = 1.0 A, di/dt = 50 A/ms)
(IF = 0.5 A, iR = 1.0 A, IREC = 0.25 A)
trr
35
25
75
50
ns
Maximum Forward Recovery Time
(IF = 1.0 A, di/dt = 100 A/ms, IREC to 1.0 V)
tfr
25
50
ns
1. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2.0%.
ORDERING INFORMATION
Device
Marking
Package
Shipping
MUR105
MUR105
Axial Lead
1000 Units/Bag
MUR105RL
MUR105
Axial Lead
5000 Units/Tape & Reel
MUR110
MUR110
Axial Lead
1000 Units/Bag
MUR110RL
MUR110
Axial Lead
5000 Units/Tape & Reel
MUR115
MUR115
Axial Lead
1000 Units/Bag
MUR115RL
MUR115
Axial Lead
5000 Units/Tape & Reel
MUR120
MUR120
Axial Lead
1000 Units/Bag
MUR120RL
MUR120
Axial Lead
5000 Units/Tape & Reel
MUR120RLG
MUR120
Axial Lead
(Pb−Free)
5000 Units/Tape & Reel
MUR130
MUR130
Axial Lead
1000 Units/Bag
MUR130RL
MUR130
Axial Lead
5000 Units/Tape & Reel
MUR140
MUR140
Axial Lead
1000 Units/Bag
MUR140RL
MUR140
Axial Lead
5000 Units/Tape & Reel
MUR160
MUR160
Axial Lead
1000 Units/Bag
MUR160RL
MUR160
Axial Lead
5000 Units/Tape & Reel
MUR160RLG
MUR160
Axial Lead
(Pb−Free)
5000 Units/Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MUR105

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MUR105 JGD-MUR105 Datasheet
148Kb / 2P
   1.0 AMPS. ULTRA FAST RECTIFIERS
logo
SHENZHEN YONGERJIA INDU...
MUR105 WINNERJOIN-MUR105 Datasheet
113Kb / 2P
   Super fast switching speed.
logo
Shanghai Shunye Electro...
MUR105 SHUNYE-MUR105 Datasheet
392Kb / 2P
   SUPER FAST RECTIFIERS
logo
Micro Commercial Compon...
MUR105 MCC-MUR105 Datasheet
84Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Digitron Semiconductors
MUR105 DIGITRON-MUR105 Datasheet
205Kb / 3P
   1A SCHOTTKY RECTIFIER
More results

Similar Description - MUR105

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRD620CT ONSEMI-MBRD620CT_10 Datasheet
103Kb / 6P
   SWITCHMODE Power Rectifiers
July, 2010 ??Rev. 7
MBR540MFS ONSEMI-MBR540MFS Datasheet
111Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
logo
Unisonic Technologies
UMUR1660 UTC-UMUR1660 Datasheet
117Kb / 3P
   SWITCHMODE POWER RECTIFIERS
logo
Shenzhen Taychipst Elec...
MURS480ET3G TAYCHIPST-MURS480ET3G Datasheet
8Mb / 2P
   SWITCHMODE Power Rectifiers
logo
Kersemi Electronic Co.,...
MBR20100CTG KERSEMI-MBR20100CTG Datasheet
482Kb / 4P
   SWITCHMODE Power Rectifiers
logo
New Jersey Semi-Conduct...
MUR805 NJSEMI-MUR805 Datasheet
75Kb / 2P
   SWITCHMODE Power Rectifiers
logo
Motorola, Inc
MBR2060CT MOTOROLA-MBR2060CT Datasheet
87Kb / 4P
   SWITCHMODE??Power Rectifiers
logo
ON Semiconductor
MUR1510 ONSEMI-MUR1510 Datasheet
98Kb / 8P
   SWITCHMODE Power Rectifiers
October, 2000 ??Rev. 2
MUR8100E ONSEMI-MUR8100E Datasheet
94Kb / 6P
   SWITCHMODE Power Rectifiers
March, 2004 ??Rev. 2
MBR860MFS ONSEMI-MBR860MFS Datasheet
67Kb / 4P
   SWITCHMODE Power Rectifiers
October, 2013 ??Rev. 0
MBR5100MFS ONSEMI-MBR5100MFS Datasheet
118Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com