Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W536030T Datasheet(PDF) 8 Page - Winbond

Part # W536030T
Description  VOICE/MELODY/LCD CONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W536030T Datasheet(HTML) 8 Page - Winbond

Back Button W536030T Datasheet HTML 4Page - Winbond W536030T Datasheet HTML 5Page - Winbond W536030T Datasheet HTML 6Page - Winbond W536030T Datasheet HTML 7Page - Winbond W536030T Datasheet HTML 8Page - Winbond W536030T Datasheet HTML 9Page - Winbond W536030T Datasheet HTML 10Page - Winbond W536030T Datasheet HTML 11Page - Winbond W536030T Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
W536030T/060T/090T/120T
- 8 -
PAD Description, continued
SYMBOL
I/O
FUNCTION
COM0
−COM15
O
LCD common signal output pads either 1/32 duty or 1/16 duty. The LCD
frame rate is controlled by LCDM1 register, and default value LCDM1 =
0111b with 64Hz frame rate.
COM16
−COM23
O
LCD common signal output pads while 1/32 duty is active. The LCD
frame rate is controlled by LCDM1 register, and default value LCDM1 =
0111b with 64Hz frame rate.
COM24/PORTP.0
COM27/PORTP.3
O/O
LCD common signal output pads, or shared as general output by
register LCDM3.2 when in 1/16 duty mode. Default function is common
function.
COM28/PORTO.0
COM31/PORTO.3
O/I
LCD common signal output pads, or shared as general input by register
LCDM3.2 when in 1/16 duty mode. Default function is common function
and PM5.2 = 0 to inhibit LCD waveform abnormal.
DH1, DH2 (6)
O
Connection terminal for voltage double capacitor with 0.1uF. The DH2
connects to capacitor positive node and DH1 negative node if polar
capacitor is used.
V3 ~ V6 (6)
O
LCD COM/SEG output driving voltage. Need an external 0.1uF
capacitor to every pad terminal.
V2 (6)
I/O
Voltage regulator output pad. An external capacitor is a must. Output
level can be controlled from 0~Fh by LCDM4 register. If internal pump
is enabled (LCDM3.3 = 0 and default value), LCD operating voltage
(VLCD) will be 4*V2 or 5*V2 depending on 1/4 bias or 1/5 bias. A
limitation should be noted that VLCD must be higher than (VDD -0.5v) to
avoid chip leakage current. While external reference voltage is selected
(LCDM3.3 = 1), V2 pad input voltage can not be over 1.5 Volt to inhibit
chip damage.
VSSP
I
Power ground for PWM or DAC playing output.
VSSA (7)
I
Power ground. (For w536090/120T only)
VSS
I
Power ground
VDDP
I
Power source for PWM or DAC playing output.
VDDA (7)
I
Power source. (For w536090/120T only)
VDD
I
Power source.
Notes:
(4). RD1~3 are shared as CLK/DATA/ADDR to interface with W55XXX @W536030T/060T
(5). @W536120T only
(6). 0.1uF is default value, and capacitor value should be larger than 0.1uF if LCD dot size over 0.5mm*0.5mm.
(7). External application circuit should connect together, please refer to APPLICATION CIRCUIT. To sure chip operation
properly, please bond all VDDP, VDDA, VDD, VSSP, VSS and VSSA pads and connect VSSP, VSS from chip outside PCB circuit.
VSSA and VDDA are for W536090/120T only
(8). When working at NMOS open drain mode, external pull high voltage can't higher than VDD to avoid leakage current.


Similar Part No. - W536030T

ManufacturerPart #DatasheetDescription
logo
Winbond
W536030A WINBOND-W536030A Datasheet
108Kb / 12P
   VOICE/ MELODY / LCD CONTROLLER
W536030K WINBOND-W536030K Datasheet
669Kb / 16P
   VOICE/MELODY/LCD CONTROLLER (ViewTalk TM Series)
W536030P WINBOND-W536030P Datasheet
596Kb / 14P
   VOICE & MELODY CONTROLLER
More results

Similar Description - W536030T

ManufacturerPart #DatasheetDescription
logo
Winbond
W536030A WINBOND-W536030A Datasheet
108Kb / 12P
   VOICE/ MELODY / LCD CONTROLLER
W536A031 WINBOND-W536A031 Datasheet
643Kb / 16P
   VOICE/MELODY/LCD CONTROLLER
logo
SONiX Technology Compan...
SN6A513 SONIX-SN6A513 Datasheet
191Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
logo
Winbond
W536030P WINBOND-W536030P Datasheet
596Kb / 14P
   VOICE & MELODY CONTROLLER
logo
SONiX Technology Compan...
SN6A297 SONIX-SN6A297 Datasheet
135Kb / 6P
   LCD Controller with Voice/Dual Tone Melody
SN69040 SONIX-SN69040 Datasheet
229Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
SN6A509 SONIX-SN6A509 Datasheet
232Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
SN6A512 SONIX-SN6A512 Datasheet
233Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
SN6A264 SONIX-SN6A264 Datasheet
233Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
SN6A510B SONIX-SN6A510B Datasheet
359Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com