Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W536030T Datasheet(PDF) 10 Page - Winbond

Part # W536030T
Description  VOICE/MELODY/LCD CONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W536030T Datasheet(HTML) 10 Page - Winbond

Back Button W536030T Datasheet HTML 6Page - Winbond W536030T Datasheet HTML 7Page - Winbond W536030T Datasheet HTML 8Page - Winbond W536030T Datasheet HTML 9Page - Winbond W536030T Datasheet HTML 10Page - Winbond W536030T Datasheet HTML 11Page - Winbond W536030T Datasheet HTML 12Page - Winbond W536030T Datasheet HTML 13Page - Winbond W536030T Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
W536030T/060T/090T/120T
- 10 -
DC Characteristics, continued
PARAMETER
SYM.
CONDITIONS
MIN
TYP
MAX
UNIT
Pull-up Resistor
RCD
Port RC, RD
200
300
400
K
Share Output RI, RJ, RL,
RN, RP Sink Current
IOL3
VOL = 0.4V
-300
uA
RES Pull-up Resistor
RRES
-
50
100
200
K
PWM1/2 Source Current (9)
ISPH
Volume Option = 00
-20
mA
(RLOAD = 8Ω between PWM1
Volume Option = 01
-70
And PWM2)
Volume Option = 10
-110
Volume Option = 11
-135
PWM1/2 Sink Current (9)
ISPL
Volume Option = 00
20
mA
(RLOAD = 8Ω between PWM1
Volume Option = 01
70
And PWM2)
Volume Option = 10
110
Volume Option = 11
135
DAC output Current
IDAC
VDD = 3v, RL=100ohm
-4
-5
-6
mA
LCD Supply Current
ILCD
No Load, All Seg. ON
-
50
-
µA
COM/SEG On Resistor
RON
IOH = ±50 µA
5K
10K
V2 Pad Output Voltage
VRR
Depended on LCDM4
0.7
1.45
V
V2 Pad Output Deviation
(10)
VD1
No Load
±5
%
V2 Pad Voltage Step
VR2
LCDM4 increased 1
50
mV
V6 Pad Output Voltage
(LCD's VLCD depended on
VLCD
1/4 Bias & no load
3.8
* V2
3.85
* V2
3.9
* V2
V
LCDM4 register) (10)
1/5 Bias & no load
4.75
* V2
4.8
* V2
4.85
* V2
V2 Input Voltage
VEXT
LCDM3.3 = 1
1.5
V
Notes:
(9) PWM current deviation will be
±20%.
(10) VLCD deviation is governed by LCD dot size. More larger LCD dot will get larger deviation.


Similar Part No. - W536030T

ManufacturerPart #DatasheetDescription
logo
Winbond
W536030A WINBOND-W536030A Datasheet
108Kb / 12P
   VOICE/ MELODY / LCD CONTROLLER
W536030K WINBOND-W536030K Datasheet
669Kb / 16P
   VOICE/MELODY/LCD CONTROLLER (ViewTalk TM Series)
W536030P WINBOND-W536030P Datasheet
596Kb / 14P
   VOICE & MELODY CONTROLLER
More results

Similar Description - W536030T

ManufacturerPart #DatasheetDescription
logo
Winbond
W536030A WINBOND-W536030A Datasheet
108Kb / 12P
   VOICE/ MELODY / LCD CONTROLLER
W536A031 WINBOND-W536A031 Datasheet
643Kb / 16P
   VOICE/MELODY/LCD CONTROLLER
logo
SONiX Technology Compan...
SN6A513 SONIX-SN6A513 Datasheet
191Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
logo
Winbond
W536030P WINBOND-W536030P Datasheet
596Kb / 14P
   VOICE & MELODY CONTROLLER
logo
SONiX Technology Compan...
SN6A297 SONIX-SN6A297 Datasheet
135Kb / 6P
   LCD Controller with Voice/Dual Tone Melody
SN69040 SONIX-SN69040 Datasheet
229Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
SN6A509 SONIX-SN6A509 Datasheet
232Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
SN6A512 SONIX-SN6A512 Datasheet
233Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
SN6A264 SONIX-SN6A264 Datasheet
233Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
SN6A510B SONIX-SN6A510B Datasheet
359Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com