Electronic Components Datasheet Search |
|
GS881Z36BGT-333I Datasheet(PDF) 19 Page - GSI Technology |
|
GS881Z36BGT-333I Datasheet(HTML) 19 Page - GSI Technology |
19 / 39 page GS881Z18B(T/D)/GS881Z32B(T/D)/GS881Z36B(T/D) Rev: 1.04 10/2004 19/39 © 2002, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. VDDQ3 Range Logic Levels Parameter Symbol Min. Typ. Max. Unit Notes VDD Input High Voltage VIH 2.0 — VDD + 0.3 V1 VDD Input Low Voltage VIL –0.3 — 0.8 V 1 VDDQ I/O Input High Voltage VIHQ 2.0 — VDDQ + 0.3 V1,3 VDDQ I/O Input Low Voltage VILQ –0.3 — 0.8 V 1,3 Notes: 1. The part numbers of Industrial Temperature Range versions end the character “I”. Unless otherwise noted, all performance specifica- tions quoted are evaluated for worst case in the temperature range marked on the device. 2. Input Under/overshoot voltage must be –2 V > Vi < VDDn+2 V not to exceed 4.6 V maximum, with a pulse width not to exceed 20% tKC. 3. VIHQ (max) is voltage on VDDQ pins plus 0.3 V. VDDQ2 Range Logic Levels Parameter Symbol Min. Typ. Max. Unit Notes VDD Input High Voltage VIH 0.6*VDD — VDD + 0.3 V1 VDD Input Low Voltage VIL –0.3 — 0.3*VDD V1 VDDQ I/O Input High Voltage VIHQ 0.6*VDD — VDDQ + 0.3 V1,3 VDDQ I/O Input Low Voltage VILQ –0.3 — 0.3*VDD V1,3 Notes: 1. The part numbers of Industrial Temperature Range versions end the character “I”. Unless otherwise noted, all performance specifica- tions quoted are evaluated for worst case in the temperature range marked on the device. 2. Input Under/overshoot voltage must be –2 V > Vi < VDDn+2 V not to exceed 4.6 V maximum, with a pulse width not to exceed 20% tKC. 3. VIHQ (max) is voltage on VDDQ pins plus 0.3 V. Recommended Operating Temperatures Parameter Symbol Min. Typ. Max. Unit Notes Ambient Temperature (Commercial Range Versions) TA 025 70 °C2 Ambient Temperature (Industrial Range Versions) TA –40 25 85 °C2 Notes: 1. The part numbers of Industrial Temperature Range versions end the character “I”. Unless otherwise noted, all performance specifica- tions quoted are evaluated for worst case in the temperature range marked on the device. 2. Input Under/overshoot voltage must be –2 V > Vi < VDDn+2 V not to exceed 4.6 V maximum, with a pulse width not to exceed 20% tKC. |
Similar Part No. - GS881Z36BGT-333I |
|
Similar Description - GS881Z36BGT-333I |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |