Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS881Z36BGT-333I Datasheet(PDF) 22 Page - GSI Technology

Part # GS881Z36BGT-333I
Description  9Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS881Z36BGT-333I Datasheet(HTML) 22 Page - GSI Technology

Back Button GS881Z36BGT-333I Datasheet HTML 18Page - GSI Technology GS881Z36BGT-333I Datasheet HTML 19Page - GSI Technology GS881Z36BGT-333I Datasheet HTML 20Page - GSI Technology GS881Z36BGT-333I Datasheet HTML 21Page - GSI Technology GS881Z36BGT-333I Datasheet HTML 22Page - GSI Technology GS881Z36BGT-333I Datasheet HTML 23Page - GSI Technology GS881Z36BGT-333I Datasheet HTML 24Page - GSI Technology GS881Z36BGT-333I Datasheet HTML 25Page - GSI Technology GS881Z36BGT-333I Datasheet HTML 26Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
GS881Z18B(T/D)/GS881Z32B(T/D)/GS881Z36B(T/D)
Rev: 1.04 10/2004
22/39
© 2002, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Notes:
1. IDD and IDDQ apply to any combination of VDD3, VDD2, VDDQ3, and VDDQ2 operation.
2. All parameters listed are worst case scenario.
Operating Currents
Parameter
Test Conditions
Mode
Symbol
-333
-300
-250
-200
-150
Unit
0
to
70°C
–40
to
85°C
0
to
70°C
–40
to
85°C
0
to
70°C
–40
to
85°C
0
to
70°C
–40
to
85°C
0
to
70°C
–40
to
85°C
Operating
Current
Device Selected;
All other inputs
≥VIH or ≤ VIL
Output open
(x32/
x36)
Pipeline
IDD
IDDQ
250
40
270
40
230
35
250
35
200
30
220
30
170
25
190
25
140
20
160
20
mA
Flow
Through
IDD
IDDQ
205
25
225
25
185
25
205
25
160
25
180
25
140
20
160
20
130
15
150
15
mA
(x18)
Pipeline
IDD
IDDQ
230
20
250
20
210
20
230
20
185
15
205
15
155
15
175
15
130
10
150
10
mA
Flow
Through
IDD
IDDQ
185
15
205
15
170
15
190
15
145
15
165
15
130
10
150
10
120
8
140
8
mA
Standby
Current
ZZ
≥ VDD – 0.2 V
Pipeline
ISB
40
50
40
50
40
50
40
50
40
50
mA
Flow
Through
ISB
40
50
40
50
40
50
40
50
40
50
mA
Deselect
Current
Device Deselected;
All other inputs
≥ VIH or ≤ VIL
Pipeline
IDD
95
100
90
95
85
90
75
80
60
65
mA
Flow
Through
IDD
65
60
60
65
60
65
50
55
50
55
mA


Similar Part No. - GS881Z36BGT-333I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS881Z36BGT-150IV GSI-GS881Z36BGT-150IV Datasheet
1Mb / 37P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z36BGT-150V GSI-GS881Z36BGT-150V Datasheet
1Mb / 37P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z36BGT-200IV GSI-GS881Z36BGT-200IV Datasheet
1Mb / 37P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z36BGT-200V GSI-GS881Z36BGT-200V Datasheet
1Mb / 37P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z36BGT-250IV GSI-GS881Z36BGT-250IV Datasheet
1Mb / 37P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
More results

Similar Description - GS881Z36BGT-333I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS880Z18-V GSI-GS880Z18-V Datasheet
933Kb / 24P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18BB-V GSI-GS882Z18BB-V Datasheet
1Mb / 33P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882ZV18BB GSI-GS882ZV18BB Datasheet
881Kb / 33P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880ZV18BT GSI-GS880ZV18BT Datasheet
573Kb / 23P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18B GSI-GS882Z18B Datasheet
621Kb / 34P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18BT GSI-GS880Z18BT Datasheet
591Kb / 24P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z18AT GSI-GS881Z18AT Datasheet
707Kb / 31P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z18BT-V GSI-GS881Z18BT-V Datasheet
1Mb / 37P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18AB GSI-GS882Z18AB Datasheet
892Kb / 35P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18AT-133 GSI-GS880Z18AT-133 Datasheet
753Kb / 25P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com