Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-M103-0H000 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HDSP-M103-0H000
Description  Large 5 X 7 Dot Matrix Alphanumeric Displays 17.3/26.5 mm Character Heights
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-M103-0H000 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HDSP-M103-0H000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-M103-0H000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-M103-0H000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-M103-0H000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-M103-0H000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-M103-0H000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-M103-0H000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-M103-0H000 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Devices
High
High
AlGaAs
Efficiency
Performance
Red
Red
Green
Description
HDSP-M101
HDSP-4501
HDSP-5101
26.5 mm Common Row Anode
HDSP-M103
HDSP-4503
HDSP-5103
26.5 mm Common Row Cathode
Features
• Multiple Colors Available
• Large Character Height
• 5 X 7 Dot Matrix Font
• Viewable Up to 18 Meters
(26.5 mm Display)
• X-Y Stackable
• Ideal for Graphics Panels
• Available in Common Row
Anode and Common Row
Cathode Configurations
• AlGaAs Displays Suitable for
Low Power or Bright
Ambients
Typical Intensity 1650 mcd
at 2 mA Average Drive
Current
• Categorized for Intensity
• Mechanically Rugged
• Green Categorized for Color
Description
The large 5 X 7 dot matrix alpha-
numeric display family consists of
26.5 mm (1.04 inch) and 17.3
mm (0.68 inch) character height
packages. These devices have
excellent viewability; the 26.5
mm character can be read at up
to 18 meters (12 meters for the
0.68 inch part).
The 26.5 mm font has a 10.2 mm
(0.4 inch) dual-in-line (DIP) con-
figuration, while the 17.3 mm font
has an industry standard 7.6 mm
(0.3 inch) DIP configuration.
HDSP-450x Series
HDSP-510x Series
HDSP-M10x Series
Applications include electronic
instrumentation, computer
peripherals, point of sale termi-
nals, weighing scales, and indus-
trial electronics.
Large 5 X 7 Dot Matrix
Alphanumeric Displays
17.3/26.5 mm Character Heights
Technical Data


Similar Part No. - HDSP-M103-0H000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-076 HP-HDSP-076 Datasheet
118Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
HDSP-0760 HP-HDSP-0760 Datasheet
118Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0760 AVAGO-HDSP-0760 Datasheet
148Kb / 9P
   Hexadecimal and Numeric Displays for Industrial Applications
HDSP-0760 AVAGO-HDSP-0760 Datasheet
216Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
HDSP-0760 AVAGO-HDSP-0760_08 Datasheet
216Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
More results

Similar Description - HDSP-M103-0H000

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HDSP-7XXX BOARDCOM-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-70XE BOARDCOM-HDSP-70XE Datasheet
210Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
Kingbright Corporation
TA12-11 KINGBRIGHT-TA12-11 Datasheet
233Kb / 6P
   30 MM 5 X 7 DOT MATRIX DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-S5XE AVAGO-HDSP-S5XE Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-S51E HP-HDSP-S51E Datasheet
260Kb / 12P
   27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-70XE AVAGO-HDSP-70XE Datasheet
166Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-70 HP-HDSP-70 Datasheet
81Kb / 7P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix
logo
Fairchild Semiconductor
GMA8475C FAIRCHILD-GMA8475C Datasheet
627Kb / 8P
   1.2 5 x 7 DOT MATRIX DISPLAYS
GMA2875C FAIRCHILD-GMA2875C Datasheet
616Kb / 8P
   2.0" 5 X 7 DOT MATRIX DISPLAYS
logo
Agilent(Hewlett-Packard...
HDSP-S6 HP-HDSP-S6 Datasheet
124Kb / 12P
   General Purpose 5 x 8 Dot Matrix Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com