Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-M101-HH000 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HDSP-M101-HH000
Description  Large 5 X 7 Dot Matrix Alphanumeric Displays 17.3/26.5 mm Character Heights
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-M101-HH000 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HDSP-M101-HH000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-M101-HH000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-M101-HH000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-M101-HH000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-M101-HH000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-M101-HH000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-M101-HH000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-M101-HH000 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
FUNCTION
HDSP-M101/
HDSP-M103/
PIN
-4501/-5101
-4503/-5103
1
COLUMN 1 CATHODE
ROW 1 CATHODE
2
NO PIN
NO PIN
3
ROW 3 ANODE
COLUMN 3 ANODE
4
COLUMN 2 CATHODE
ROW 3 CATHODE
5
NO PIN
NO PIN
6
ROW 5 ANODE
COLUMN 1 ANODE
7
NO PIN
NO PIN
8
ROW 6 ANODE
COLUMN 2 ANODE
9
ROW 7 ANODE
ROW 7 CATHODE
10
COLUMN 3 CATHODE
ROW 6 CATHODE
11
COLUMN 5 CATHODE
COLUMN 4 ANODE
12
NO PIN
NO PIN
13
ROW 4 ANODE
ROW 5 CATHODE
14
NO PIN
NO PIN
15
COLUMN 4 CATHODE
ROW 4 CATHODE
16
ROW 2 ANODE
ROW 2 CATHODE
17
NO PIN
NO PIN
18
ROW 1 ANODE
COLUMN 5 ANODE
HDSP-M10x/450x/510x Series
Package Dimensions


Similar Part No. - HDSP-M101-HH000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-076 HP-HDSP-076 Datasheet
118Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
HDSP-0760 HP-HDSP-0760 Datasheet
118Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0760 AVAGO-HDSP-0760 Datasheet
148Kb / 9P
   Hexadecimal and Numeric Displays for Industrial Applications
HDSP-0760 AVAGO-HDSP-0760 Datasheet
216Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
HDSP-0760 AVAGO-HDSP-0760_08 Datasheet
216Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
More results

Similar Description - HDSP-M101-HH000

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HDSP-7XXX BOARDCOM-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-70XE BOARDCOM-HDSP-70XE Datasheet
210Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
Kingbright Corporation
TA12-11 KINGBRIGHT-TA12-11 Datasheet
233Kb / 6P
   30 MM 5 X 7 DOT MATRIX DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-S5XE AVAGO-HDSP-S5XE Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-S51E HP-HDSP-S51E Datasheet
260Kb / 12P
   27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-70XE AVAGO-HDSP-70XE Datasheet
166Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-70 HP-HDSP-70 Datasheet
81Kb / 7P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix
logo
Fairchild Semiconductor
GMA8475C FAIRCHILD-GMA8475C Datasheet
627Kb / 8P
   1.2 5 x 7 DOT MATRIX DISPLAYS
GMA2875C FAIRCHILD-GMA2875C Datasheet
616Kb / 8P
   2.0" 5 X 7 DOT MATRIX DISPLAYS
logo
Agilent(Hewlett-Packard...
HDSP-S6 HP-HDSP-S6 Datasheet
124Kb / 12P
   General Purpose 5 x 8 Dot Matrix Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com