Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9446 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9446
Description  16-Bit, 80/100 MSPS ADC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9446 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9446 Datasheet HTML 4Page - Analog Devices AD9446 Datasheet HTML 5Page - Analog Devices AD9446 Datasheet HTML 6Page - Analog Devices AD9446 Datasheet HTML 7Page - Analog Devices AD9446 Datasheet HTML 8Page - Analog Devices AD9446 Datasheet HTML 9Page - Analog Devices AD9446 Datasheet HTML 10Page - Analog Devices AD9446 Datasheet HTML 11Page - Analog Devices AD9446 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
AD9446
Rev. 0 | Page 8 of 36
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
With
Respect
to
Rating
ELECTRICAL
AVDD1
AGND
−0.3 V to +4 V
AVDD2
AGND
−0.3 V to +6 V
DRVDD
DGND
−0.3 V to +4 V
AGND
DGND
−0.3 V to +0.3 V
AVDD1
DRVDD
−4 V to +4 V
AVDD2
DRVDD
−4 V to +6 V
AVDD2
AVDD1
−4 V to +6 V
D0± to D15±
DGND
–0.3 V to DRVDD + 0.3 V
CLK+/CLK−
AGND
–0.3 V to AVDD1 + 0.3 V
OUTPUT MODE,
DCS MODE, DFS
AGND
–0.3 V to AVDD1 + 0.3 V
VIN+, VIN−
AGND
–0.3 V to AVDD2 + 0.3 V
VREF
AGND
–0.3 V to AVDD1 + 0.3 V
SENSE
AGND
–0.3 V to AVDD1 + 0.3 V
REFT, REFB
AGND
–0.3 V to AVDD1 + 0.3 V
ENVIRONMENTAL
Storage Temperature
Range
–65°C to +125°C
Operating Temperature
Range
–40°C to +85°C
Lead Temperature
(Soldering 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
The heat sink of the AD9446 package must be soldered to
ground.
Table 6.
Package Type
θJA
θJB
θJC
Unit
100-lead TQFP/EP
19.8
8.3
2
°C/W
Typical θJA = 19.8°C/W (heat sink soldered) for multilayer
board in still air.
Typical θJB = 8.3°C/W (heat sink soldered) for multilayer board
in still air.
Typical θJC = 2°C/W (junction to exposed heat sink) represents
the thermal resistance through heat sink path.
Airflow increases heat dissipation, effectively reducing θJA. Also,
more metal directly in contact with the package leads from
metal traces through holes, ground, and power planes reduces
the θJA. It is required that the exposed heat sink be soldered to
the ground plane.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - AD9446

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9446 AD-AD9446 Datasheet
959Kb / 36P
   16-Bit, 80/100 MSPS ADC
REV. 0
AD9446 AD-AD9446 Datasheet
707Kb / 37P
   16-Bit, 80/100 MSPS ADC
AD9446-100LVDS/PCB AD-AD9446-100LVDS/PCB Datasheet
707Kb / 37P
   16-Bit, 80/100 MSPS ADC
AD9446-100LVDSPCB AD-AD9446-100LVDSPCB Datasheet
959Kb / 36P
   16-Bit, 80/100 MSPS ADC
REV. 0
AD9446-100LVDSPCB AD-AD9446-100LVDSPCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

Similar Description - AD9446

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9446-80LVDS AD-AD9446-80LVDS Datasheet
959Kb / 36P
   16-Bit, 80/100 MSPS ADC
REV. 0
AD9446 AD-AD9446_17 Datasheet
707Kb / 37P
   16-Bit, 80/100 MSPS ADC
AD9460 AD-AD9460 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460_15 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
   12-Bit, 80 MSPS/105 MSPS ADC
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
logo
Microchip Technology
MCP37D31-80 MICROCHIP-MCP37D31-80 Datasheet
3Mb / 141P
   80 Msps, 16/14-Bit High-Pr ecision Pipelined ADC
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com