Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC62LS2008GI Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # UC62LS2008GI
Description  Low Power CMOS SRAM 256K X 8 Bits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UC62LS2008GI Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button UC62LS2008GI Datasheet HTML 3Page - List of Unclassifed Manufacturers UC62LS2008GI Datasheet HTML 4Page - List of Unclassifed Manufacturers UC62LS2008GI Datasheet HTML 5Page - List of Unclassifed Manufacturers UC62LS2008GI Datasheet HTML 6Page - List of Unclassifed Manufacturers UC62LS2008GI Datasheet HTML 7Page - List of Unclassifed Manufacturers UC62LS2008GI Datasheet HTML 8Page - List of Unclassifed Manufacturers UC62LS2008GI Datasheet HTML 9Page - List of Unclassifed Manufacturers UC62LS2008GI Datasheet HTML 10Page - List of Unclassifed Manufacturers UC62LS2008GI Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Low Power CMOS SRAM
256K X 8 Bits
UC62LS2008
-20/-25
WRITE CYCLE2
(1,6)
t
WC
ADDRESS
t
DH
t
WHZ
WE
D
OUT
CE
t
CW
(11)
t
WP
(2)
t
AW
t
AS
D
IN
t
DW
t
OH
(8)
(7)
NOTES:
1.
WE\ must be high during address transitions.
2.
The internal write time of the memory is defined by the overlap of CE\ and WE\ low. All signals
must be active to initiate a write and any one can terminate a write by going inactive. The data
input setup and hold timing should be referenced to the second transition edge of the signal that
terminates the write.
3.
TWR is measured from the earlier of CE\ or WE\ going high at the end of write cycle.
4.
During this period, DQ pins are in the output state so that the input signals of opposite phase to
the outputs must not be applied.
5.
If the CE\ low transition occurs simultaneously with the WE\ low transitions or after the WE\
transition, output remain in a high impedance state.
6.
OE\ is continuously low (OE\ = VIL).
7.
DOUT is the same phase of write data of this write cycle.
8.
DOUT is the read data of next address.
9.
If CE\ is low during this period, DQ pins are in the output state. Then the data input signals of
opposite phase to the outputs must not be applied to them.
10. Transition is measured 500mV from steady state with CL = 5pF as shown in Figure 1B. The
parameter is guaranteed but not 100% tested.
11. TCW is measured from the later of CE\ going low to the end of write.
U-Chip Technology Corp. LTD.
Preliminary
Rev.1.0
Reserves the right to modify document contents without notice.
PAGE
7


Similar Part No. - UC62LS2008GI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC62LS2048 ETC1-UC62LS2048 Datasheet
460Kb / 9P
   Low Power CMOS SRAM
UC62LS2048AC-20 ETC1-UC62LS2048AC-20 Datasheet
460Kb / 9P
   Low Power CMOS SRAM
UC62LS2048AC-25 ETC1-UC62LS2048AC-25 Datasheet
460Kb / 9P
   Low Power CMOS SRAM
UC62LS2048AI-20 ETC1-UC62LS2048AI-20 Datasheet
460Kb / 9P
   Low Power CMOS SRAM
UC62LS2048AI-25 ETC1-UC62LS2048AI-25 Datasheet
460Kb / 9P
   Low Power CMOS SRAM
More results

Similar Description - UC62LS2008GI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC62LS1008 ETC1-UC62LS1008 Datasheet
487Kb / 11P
   Low Power CMOS SRAM 128K x 8 Bits
UC62LS4008 ETC1-UC62LS4008 Datasheet
532Kb / 11P
   Low Power CMOS SRAM 512K X 8 Bits
logo
Mosel Vitelic, Corp
V62C2802048L MOSEL-V62C2802048L Datasheet
94Kb / 10P
   Ultra Low Power 256K x 8 CMOS SRAM
logo
Lyontek Inc.
LY622568_1008 LYONTEK-LY622568_1008 Datasheet
293Kb / 14P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
Mosel Vitelic, Corp
V62C1802048L MOSEL-V62C1802048L Datasheet
84Kb / 9P
   Ultra Low Power 256K x 8 CMOS SRAM
V62C3802048L MOSEL-V62C3802048L Datasheet
102Kb / 12P
   Ultra Low Power 256K x 8 CMOS SRAM
logo
Lyontek Inc.
LY622568 LYONTEK-LY622568_16 Datasheet
825Kb / 17P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62L2568 LYONTEK-LY62L2568_17 Datasheet
1Mb / 20P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62L2568_1008 LYONTEK-LY62L2568_1008 Datasheet
342Kb / 16P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62W2568 LYONTEK-LY62W2568_11 Datasheet
483Kb / 16P
   256K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com