Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HHBA-5418X Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HHBA-5418X
Description  Low Profile, 2 Gb/s, Dual Port PCI-X to Fibre Channel Adapters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HHBA-5418X Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HHBA-5418X Datasheet HTML 1Page - Agilent(Hewlett-Packard) HHBA-5418X Datasheet HTML 2Page - Agilent(Hewlett-Packard) HHBA-5418X Datasheet HTML 3Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Specifications
Fibre Channel Operation
Data Rate
2 Gb/s per port: 200 MB/s (half duplex), 400 MB/s (full duplex)
Auto-Speed Negotiation
1 or 2 Gb/s
Topology
Arbitrated Loop – Public and Private, Fabric support (F- and FL-login)
FC Service Class
Class 3
Upper Layer Protocol
SCSI FCP – On-chip automation of complete SCSI I/O
Loop Initialization
Completely hardware-based for high availability
Link Diagnostics
Link Status indicators, internal/external loopback
Link Speed
2 Gb and 1 Gb status indicator
Compliance
FC-PH, FC-AL, FC-AL-2, FC-PLDA, FCP-SCSI
PCI Interface
Compliance
PCI-X Addendum, Rev 1.0a
PCI-X Local Bus Specification 1.0a
PCI Local Bus Specification 2.2
ACPI/Power Management Specification
Hardware Design Guide for Windows NT Server, version 2.0
Width & Rate
64-bit, 133 MHz PCI-X
Burst Transfer Rate
1 GB/s
Dual Address Cycle Support
Yes
Hot Plug Support
Yes
Additional PCI Features
Zero wait state multiple cache line bursting capable up to full frame size, 32-byte cache line
Tachyon DX2 Architectural Features
Complete Hardware-based Design
Less than one interrupt per I/O (tunable via software)
Backward compatible with Tachyon XL2 programming interface
Up to 6 split reads (3 per channel)
Message Signaled Interrupt
Programmable max burst length
Physical and Environmental
Form Factor
Low Profile PCI Card, MD2 form factor (length 6.6" x height 2.536")
PCB Power
4W max at 3.3V
± 10%
Supply Voltage
3.3V
± 10%
Operating Temperature Range
0
° to 55° Centigrade (no airflow)
Storage Temperature Range
-40
° to 70° Centigrade
Relative Humidity
up to 90% (non-condensing)
Software Support
Tachyon Software Developer’s Kit
Windows 2000
(TSDK)
Linux Environments
VX Works
Certifications
FCC Class B
US/FDA/CDRH Laser AEL Class 1 (2 CFR)
CE
TÚV Rheinland Laser AEL Class 1 (EN60825-1+A11)
VCC ITE Class
C-TICK (AZ/NZS 3548)


Similar Part No. - HHBA-5418X

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HHBA-5101 HP-HHBA-5101 Datasheet
103Kb / 3P
   Agilent HHBA-5101 64-bit Tachyon TL PCI-to-Fibre Channel Adapter
HHBA-5121X HP-HHBA-5121X Datasheet
103Kb / 3P
   Agilent HHBA-5101 64-bit Tachyon TL PCI-to-Fibre Channel Adapter
HHBA-5121XP HP-HHBA-5121XP Datasheet
103Kb / 3P
   Agilent HHBA-5101 64-bit Tachyon TL PCI-to-Fibre Channel Adapter
HHBA-5218 HP-HHBA-5218 Datasheet
95Kb / 4P
   Low Profile, 2 Gb/s Fibre Channel Adapters for High Performance Applications
HHBA-5218X HP-HHBA-5218X Datasheet
95Kb / 4P
   Low Profile, 2 Gb/s Fibre Channel Adapters for High Performance Applications
More results

Similar Description - HHBA-5418X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QLA2350 ETC-QLA2350 Datasheet
1Mb / 2P
   2-Gb Fibre Channel to PCI-X Host Bus Adapters
logo
Agilent(Hewlett-Packard...
HHBA-5218 HP-HHBA-5218 Datasheet
95Kb / 4P
   Low Profile, 2 Gb/s Fibre Channel Adapters for High Performance Applications
logo
Applied Micro Circuits ...
JNIC-1460 AMCC-JNIC-1460 Datasheet
104Kb / 2P
   Fibre Channel-to-PCI/PCI-X ASIC Controller
logo
Pericom Semiconductor C...
PI7C21P100B PERICOM-PI7C21P100B Datasheet
1Mb / 79P
   2-PORT PCI-X TO PCI-X BRIDGE
logo
Vitesse Semiconductor C...
VSC7140 VITESSE-VSC7140 Datasheet
115Kb / 12P
   1.0625 Gb/s Fibre Channel Dual Repeater / Hub Node
logo
Pericom Semiconductor C...
PI7C21P100 PERICOM-PI7C21P100 Datasheet
603Kb / 77P
   2-PORT PCI-X BRIDGE
logo
Broadcom Corporation.
SAS3008 BOARDCOM-SAS3008 Datasheet
576Kb / 2P
   PCI Express짰 to 8-Port 12 Gb/s SASSATA Controller
logo
Pericom Semiconductor C...
PI7C8150A PERICOM-PI7C8150A Datasheet
1Mb / 111P
   2-PORT PCI-to-PCI BRIDGE
PERICOMPI7C8150 PERICOM-PERICOMPI7C8150 Datasheet
904Kb / 106P
   2-Port PCI-to-PCI Bridge
PI7C8152A PERICOM-PI7C8152A_07 Datasheet
660Kb / 90P
   2-Port PCI-to-PCI Bridge
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com