Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC299RM13TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # M74HC299RM13TR
Description  8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC299RM13TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M74HC299RM13TR Datasheet HTML 5Page - STMicroelectronics M74HC299RM13TR Datasheet HTML 6Page - STMicroelectronics M74HC299RM13TR Datasheet HTML 7Page - STMicroelectronics M74HC299RM13TR Datasheet HTML 8Page - STMicroelectronics M74HC299RM13TR Datasheet HTML 9Page - STMicroelectronics M74HC299RM13TR Datasheet HTML 10Page - STMicroelectronics M74HC299RM13TR Datasheet HTML 11Page - STMicroelectronics M74HC299RM13TR Datasheet HTML 12Page - STMicroelectronics M74HC299RM13TR Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
M74HC299
11/13
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
2.65
0.104
a1
0.1
0.2
0.004
0.008
a2
2.45
0.096
b
0.35
0.49
0.014
0.019
b1
0.23
0.32
0.009
0.012
C
0.5
0.020
c1
45° (typ.)
D
12.60
13.00
0.496
0.512
E
10.00
10.65
0.393
0.419
e
1.27
0.050
e3
11.43
0.450
F
7.40
7.60
0.291
0.300
L
0.50
1.27
0.020
0.050
M
0.75
0.029
S8° (max.)
SO-20 MECHANICAL DATA
PO13L


Similar Part No. - M74HC299RM13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC299 STMICROELECTRONICS-M74HC299 Datasheet
306Kb / 15P
   CLEAR HC299 /HC323 8BITPIPOSHIFTREGISTERWITHSYNCHRONOUS
M74HC299B1R STMICROELECTRONICS-M74HC299B1R Datasheet
306Kb / 15P
   CLEAR HC299 /HC323 8BITPIPOSHIFTREGISTERWITHSYNCHRONOUS
M74HC299C1R STMICROELECTRONICS-M74HC299C1R Datasheet
306Kb / 15P
   CLEAR HC299 /HC323 8BITPIPOSHIFTREGISTERWITHSYNCHRONOUS
M74HC299F1R STMICROELECTRONICS-M74HC299F1R Datasheet
306Kb / 15P
   CLEAR HC299 /HC323 8BITPIPOSHIFTREGISTERWITHSYNCHRONOUS
M74HC299M1R STMICROELECTRONICS-M74HC299M1R Datasheet
306Kb / 15P
   CLEAR HC299 /HC323 8BITPIPOSHIFTREGISTERWITHSYNCHRONOUS
More results

Similar Description - M74HC299RM13TR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC299AP TOSHIBA-TC74HC299AP_07 Datasheet
432Kb / 10P
   8-Bit PIPO Shift Register with Asynchronous Clear
TC74HC299AF TOSHIBA-TC74HC299AF Datasheet
369Kb / 11P
   8-Bit PIPO Shift Register with Asynchronous Clear
logo
STMicroelectronics
74AC299 STMICROELECTRONICS-74AC299 Datasheet
465Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
logo
Toshiba Semiconductor
TC74VHC299F TOSHIBA-TC74VHC299F Datasheet
347Kb / 11P
   8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
TC74VHC299F TOSHIBA-TC74VHC299F_07 Datasheet
234Kb / 12P
   8-Bit Pipo Shift Register with Asynchronous Clear
TC74VHC299F TOSHIBA-TC74VHC299F_12 Datasheet
224Kb / 12P
   8-Bit Pipo Shift Register with Asynchronous Clear
logo
STMicroelectronics
74LVQ299 STMICROELECTRONICS-74LVQ299 Datasheet
456Kb / 15P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
74ACT299 STMICROELECTRONICS-74ACT299 Datasheet
102Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
April 1999
logo
Toshiba Semiconductor
TC74VHC299F TOSHIBA-TC74VHC299F_V01 Datasheet
456Kb / 11P
   8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
1997-01-30
TC74ACT299P TOSHIBA-TC74ACT299P Datasheet
445Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit PIPO Shift Register with Asynchronous Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com