Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD784216A Datasheet(PDF) 3 Page - NEC

Part # UPD784216A
Description  16-BIT SINGLE-CHIP MICROCONTROLLER
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784216A Datasheet(HTML) 3 Page - NEC

  UPD784216A Datasheet HTML 1Page - NEC UPD784216A Datasheet HTML 2Page - NEC UPD784216A Datasheet HTML 3Page - NEC UPD784216A Datasheet HTML 4Page - NEC UPD784216A Datasheet HTML 5Page - NEC UPD784216A Datasheet HTML 6Page - NEC UPD784216A Datasheet HTML 7Page - NEC UPD784216A Datasheet HTML 8Page - NEC UPD784216A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
3
Data Sheet U14118EJ1V0DS
µPD78F4938A
OVERVIEW OF FUNCTIONS
(1/2)
Part Number
µPD78F4938A
Item
Number of basic instructions (mnemonics) 113
General-purpose registers
8 bits
× 32 registers × 8 banks, or 16 bits × 8 registers × 8 banks (memory map)
Minimum instruction execution time
320 ns/636 ns/1.27
µs/2.54 µs (@6.29 MHz operation)
160 ns/320 ns/636 ns/1.27
µs (@12.58 MHz operation)
Internal memory
ROM
256 KB
RAM
10496 bytes
Memory space
1 MB with program and data spaces combined
I/O port
Total
80 pins
Input
8 pins
I/O
72 pins
Pins with
LED direct drive output
24 pins
ancillary
Transistor direct drive
8 pins
functionNote
N-ch open drain drive
4 pins
Real-time output port
4 bits
× 2, or 8 bits × 1
IEBus controller
Internal (simple version)
Timer/counter
Timer/event counter 0:
Timer counter
× 1
Pulse output possible
(16 bits)
Capture register
× 1
• Toggle output
Compare register
× 2
• PWM/PPG output
• One-shot pulse output
Timer/event counter 1:
Timer counter
× 1
Real-time output port
(16 bits)
Capture register
× 1
Capture/compare register
× 1
Compare register
× 1
Timer/event counter 2:
Timer counter
× 1
Pulse output possible
(16 bits)
Capture register
× 1
• Toggle output
Capture/compare register
× 1
• PWM/PPG output
Compare register
× 1
Timer 3 (16 bits):
Timer counter
× 1
Compare register
× 1
Watch timer
Generates interrupt request at 0.5-second intervals (On-chip watch clock oscillator)
Main clock (12.58 MHz) or watch clock (32.7 kHz) selectable as input clock
Clock output
Selectable from fCLK, fCLK/2, fCLK/4, fCLK/8, or fCLK/16 (also usable as 1-bit output port)
PWM output
12-bit resolution
× 2 channels
Serial interface
UART/IOE (3-wire serial I/O): 2 channels (on-chip baud rate generator)
CSI (3-wire serial I/O):
2 channels
A/D converter
8-bit resolution
× 8 channels
Watchdog timer
1 channel
ROM correction function
Internal (4 points of correction addresses can be set.)
External expansion function
Provided (up to 1 MB)
Note
Pins with ancillary functions are included in the I/O pins.


Similar Part No. - UPD784216A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784216A NEC-UPD784216A Datasheet
561Kb / 50P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784216A NEC-UPD784216A Datasheet
349Kb / 60P
   MOS INTEGRATED CIRCUIT
UPD784216A NEC-UPD784216A Datasheet
3Mb / 733P
   16-Bit Single-Chip Microcontrollers
UPD784216AGC NEC-UPD784216AGC Datasheet
561Kb / 50P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784216AGF NEC-UPD784216AGF Datasheet
561Kb / 50P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - UPD784216A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
   16-bit Single Chip Microcontroller
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
   16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
   16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com