Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7N163645-QI20 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K7N163645-QI20
Description  512Kx36 & 1Mx18-Bit Flow Through NtRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7N163645-QI20 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K7N163645-QI20 Datasheet HTML 6Page - Samsung semiconductor K7N163645-QI20 Datasheet HTML 7Page - Samsung semiconductor K7N163645-QI20 Datasheet HTML 8Page - Samsung semiconductor K7N163645-QI20 Datasheet HTML 9Page - Samsung semiconductor K7N163645-QI20 Datasheet HTML 10Page - Samsung semiconductor K7N163645-QI20 Datasheet HTML 11Page - Samsung semiconductor K7N163645-QI20 Datasheet HTML 12Page - Samsung semiconductor K7N163645-QI20 Datasheet HTML 13Page - Samsung semiconductor K7N163645-QI20 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
512Kx36 & 1Mx18 Flow-Through NtRAMTM
- 10 -
Rev 3.0
Nov. 2003
K7M161825A
K7M163625A
VSS
VIH
VSS-1.0V
20% tCYC (MIN)
(VDD=3.3V+0.165V/-0.165V,VDDQ=3.3V+0.165/-0.165V or VDD=3.3V+0.165V/-0.165V,VDDQ=2.5V+0.4V/-0.125V, TA=0to70
°C)
TEST CONDITIONS
* The above parameters are also guaranteed at industrial temperature range.
PARAMETER
VALUE
Input Pulse Level(for 3.3V I/O)
0 to 3.0V
Input Pulse Level(for 2.5V I/O)
0 to 2.5V
Input Rise and Fall Time(Measured at 20% to 80% for 3.3V I/O)
1.0V/ns
Input Rise and Fall Time(Measured at 20% to 80% for 2.5V I/O)
1.0V/ns
Input and Output Timing Reference Levels for 3.3V I/O
1.5V
Input and Output Timing Reference Levels for 2.5V I/O
VDDQ/2
Output Load
See Fig. 1
DC ELECTRICAL CHARACTERISTICS (VDD=3.3V+0.165V/-0.165V, TA=0
°C to +70°C)
Notes : 1. The above parameters are also guaranteed at industrial temperature range.
2. Reference AC Operating Conditions and Characteristics for input and timing.
3. Data states are all zero.
4. In Case of I/O Pins, the Max. VIH=V DDQ +0.3V.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT NOTES
Input Leakage Current(except ZZ)
IIL
VDD=Max ; V IN=VSS to V DD
-2
+2
µA
Output Leakage Current
IOL
Output Disabled,
-2
+2
µA
Operating Current
ICC
Device Selected, I OUT=0mA,
ZZ
VIL , Cycle Time ≥ tCYC Min
-65
-
270
mA
1,2
-75
-
250
Standby Current
ISB
Device deselected, IOUT=0mA,
ZZ
VIL, f=Max,
-65
-
100
mA
-75
-
90
ISB1
Device deselected, IOUT=0mA,
ZZ
0.2V, f=0,
All Inputs=fixed (VDD -0.2V or
-
70
mA
ISB2
Device deselected, IOUT=0mA,
ZZ
≥VDD-0.2V, f=Max, All
Inputs
VIL or ≥VIH
-
60
mA
Output Low Voltage(3.3V I/O)
VOL
IOL=8.0mA
-
0.4
V
Output High Voltage(3.3V I/O)
VOH
IOH=-4.0mA
2.4
-
V
Output Low Voltage(2.5V I/O)
VOL
IOL=1.0mA
-
0.4
V
Output High Voltage(2.5V I/O)
VOH
IOH=-1.0mA
2.0
-
V
Input Low Voltage(3.3V I/O)
VIL
-0.3*
0.8
V
Input High Voltage(3.3V I/O)
VIH
2.0
VDD+0.3**
V
3
Input Low Voltage(2.5V I/O)
VIL
-0.3*
0.7
V
Input High Voltage(2.5V I/O)
VIH
1.7
VDD+0.3**
V
3


Similar Part No. - K7N163645-QI20

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7N163645A-QFCI25/20/16 SAMSUNG-K7N163645A-QFCI25/20/16 Datasheet
279Kb / 24P
   512Kx36 & 1Mx18 Pipelined NtRAM
K7N163645M SAMSUNG-K7N163645M Datasheet
468Kb / 20P
   512Kx36 & 1Mx18-Bit Pipelined NtRAMTM
More results

Similar Description - K7N163645-QI20

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7M163635B SAMSUNG-K7M163635B Datasheet
394Kb / 19P
   512Kx36 & 1Mx18 Flow-Through NtRAM
K7M163625M SAMSUNG-K7M163625M Datasheet
354Kb / 20P
   512Kx36 & 1Mx18 Flow-Through NtRAM-TM
K7N163631B SAMSUNG-K7N163631B_06 Datasheet
565Kb / 25P
   512Kx36 & 1Mx18 Pipelined NtRAM
K7N163601M SAMSUNG-K7N163601M Datasheet
323Kb / 20P
   512Kx36 & 1Mx18-Bit Pipelined NtRAM TM
K7N163631B SAMSUNG-K7N163631B Datasheet
452Kb / 24P
   512Kx36 & 1Mx18 Pipelined NtRAM
DS_K7N163601A SAMSUNG-DS_K7N163601A Datasheet
279Kb / 24P
   512Kx36 & 1Mx18 Pipelined NtRAM
K7M803625B SAMSUNG-K7M803625B Datasheet
375Kb / 18P
   256Kx36 & 512Kx18-Bit Flow Through NtRAM
K7N163645M SAMSUNG-K7N163645M Datasheet
468Kb / 20P
   512Kx36 & 1Mx18-Bit Pipelined NtRAMTM
K7Q163654A SAMSUNG-K7Q163654A Datasheet
510Kb / 17P
   512Kx36-bit, 1Mx18-bit QDR SRAM
K7D163674B SAMSUNG-K7D163674B Datasheet
445Kb / 16P
   512Kx36 & 1Mx18 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com