Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD784955 Datasheet(PDF) 9 Page - NEC

Part # UPD784955
Description  16-Bit Single-Chip Microcontrollers
Download  733 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784955 Datasheet(HTML) 9 Page - NEC

Back Button UPD784955 Datasheet HTML 5Page - NEC UPD784955 Datasheet HTML 6Page - NEC UPD784955 Datasheet HTML 7Page - NEC UPD784955 Datasheet HTML 8Page - NEC UPD784955 Datasheet HTML 9Page - NEC UPD784955 Datasheet HTML 10Page - NEC UPD784955 Datasheet HTML 11Page - NEC UPD784955 Datasheet HTML 12Page - NEC UPD784955 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 733 page
background image
9
Preliminary User’s Manual U13987EJ1V0UM00
Register Notation
7
B
EDC
6
1
5
0
4
×
3
A
2
1
1
0
0
×
Write Operation
Read Operation
0 or 1 is written. The
operation is not affected
by either value.
0 must be written
1 must be written
A value is written
according to the
function to be used.
A value is read
according to the
operating status.
0 or 1 is read.
Where the bit number is marked with a circle, the
bit name is reserved for NEC’s assembler and is
defined as an sfr variable by the #pragma sfr
directive for C compiler.
Code combinations marked “Setting prohibited” in the register notations in the text must not be written.
Easily confused characters : 0 (Zero), O (Letter O)
: 1 (One), l (Lowercase letter L), I (Uppercase letter I)
Related Documents
The related documents indicated in this publication may include preliminary versions. However,
preliminary versions are not marked as such.
Device related documents
Document Name
Document No.
Japanese
English
µPD784935, 784936, 784937, 784938 Data Sheet
U13572J
U13572E
µPD78F4938 Preliminary Product Information
U13573J
U13573E
µPD784938 Subseries Special Function Register Table
To be prepared
µPD784938 Subseries User’s Manual - Hardware
U13987J
This manual
78K/IV Series Application Note - Software Basics
U10095J
U10095E
78K/IV Series User's Manual - Instruction
U10905J
U10905E
78K/IV Series Instruction Table
U10594J
78K/IV Series Instruction Set
U10595J


Similar Part No. - UPD784955

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784955 NEC-UPD784955 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Renesas Technology Corp
UPD784955 RENESAS-UPD784955 Datasheet
1Mb / 66P
   MOS INTEGRATED CIRCUIT
1997
More results

Similar Description - UPD784955

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F1502AGK-GAK-AX RENESAS-UPD78F1502AGK-GAK-AX Datasheet
6Mb / 1031P
   16-Bit Single-Chip Microcontrollers
logo
NEC
UPD784214A NEC-UPD784214A Datasheet
561Kb / 50P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915A NEC-UPD784915A Datasheet
446Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915B NEC-UPD784915B Datasheet
384Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Siemens Semiconductor G...
C167CR-16RM SIEMENS-C167CR-16RM Datasheet
1Mb / 67P
   16-Bit CMOS Single-Chip Microcontrollers
logo
NEC
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Siemens Semiconductor G...
C161V SIEMENS-C161V_96 Datasheet
3Mb / 260P
   16-Bit CMOS Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com