Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2W230CD Datasheet(PDF) 2 Page - Nihon Inter Electronics Corporation

Part # D2W230CD
Description  SSR - 120/240V 30A (RMS)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

D2W230CD Datasheet(HTML) 2 Page - Nihon Inter Electronics Corporation

  D2W230CD Datasheet HTML 1Page - Nihon Inter Electronics Corporation D2W230CD Datasheet HTML 2Page - Nihon Inter Electronics Corporation D2W230CD Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


Similar Part No. - D2W230CD

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
D2W2-PDP-X-1 ADAM-TECH-D2W2-PDP-X-1 Datasheet
86Kb / 1P
   909 Rahway Avenue
D2W2-PLP-X-2-BL ADAM-TECH-D2W2-PLP-X-2-BL Datasheet
94Kb / 1P
   909 Rahway Avenue
D2W2-SDP-X-1 ADAM-TECH-D2W2-SDP-X-1 Datasheet
87Kb / 1P
   909 Rahway Avenue
D2W2-SDP-X-JS ADAM-TECH-D2W2-SDP-X-JS Datasheet
89Kb / 1P
   D-SUB POWER SOCKET
D2W2-SDP-X1 ADAM-TECH-D2W2-SDP-X1 Datasheet
81Kb / 1P
   D-SUB POWER SOCKET
More results

Similar Description - D2W230CD

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
D2W140CD NIEC-D2W140CD Datasheet
162Kb / 3P
   SSR - 120/240V 40A (RMS)
PHA15DW2RP NIEC-PHA15DW2RP Datasheet
313Kb / 3P
   SSR - 240V 15/25A (RMS)
logo
National Instruments Co...
D2N130CD NI-D2N130CD Datasheet
188Kb / 3P
   120/240V 30A
D2W130CD NI-D2W130CD Datasheet
183Kb / 3P
   120/240V 30A
logo
Schneider Electric
HOM2305219 SCHNEIDER-HOM2305219 Datasheet
150Kb / 2P
   MINIATURE CIRCUIT BREAKER 120/240V 30A
HOM230 SCHNEIDER-HOM230 Datasheet
108Kb / 2P
   MINIATURE CIRCUIT BREAKER 120/240V 30A
HOM230C SCHNEIDER-HOM230C Datasheet
150Kb / 2P
   MINIATURE CIRCUIT BREAKER 120/240V 30A
HOM230CP SCHNEIDER-HOM230CP Datasheet
159Kb / 2P
   MINIATURE CIRCUIT BREAKER 120/240V 30A
QOU130VH SCHNEIDER-QOU130VH Datasheet
118Kb / 2P
   QOU Miniature Circuit Breaker, 30A, 1P, 120/240V, 22kA
QOU230 SCHNEIDER-QOU230 Datasheet
110Kb / 2P
   QOU Miniature Circuit Breaker, 30A, 2P, 120/240V, 10kA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com