Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7N161845-QC13 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K7N161845-QC13
Description  512Kx36 & 1Mx18-Bit Flow Through NtRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7N161845-QC13 Datasheet(HTML) 3 Page - Samsung semiconductor

  K7N161845-QC13 Datasheet HTML 1Page - Samsung semiconductor K7N161845-QC13 Datasheet HTML 2Page - Samsung semiconductor K7N161845-QC13 Datasheet HTML 3Page - Samsung semiconductor K7N161845-QC13 Datasheet HTML 4Page - Samsung semiconductor K7N161845-QC13 Datasheet HTML 5Page - Samsung semiconductor K7N161845-QC13 Datasheet HTML 6Page - Samsung semiconductor K7N161845-QC13 Datasheet HTML 7Page - Samsung semiconductor K7N161845-QC13 Datasheet HTML 8Page - Samsung semiconductor K7N161845-QC13 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
512Kx36 & 1Mx18 Flow-Through NtRAMTM
- 3 -
Rev 3.0
Nov. 2003
K7M161825A
K7M163625A
512Kx36 & 1Mx18-Bit Flow Through NtRAMTM
The K7M163625A and K7M161825A are 18,874,368-bits Syn-
chronous Static SRAMs.
The NtRAMTM, or No Turnaround Random Access Memory uti-
lizes all bandwidth in any combination of operating cycles.
Address, data inputs, and all control signals except output
enable and linear burst order are synchronized to input clock.
Burst order control must be tied "High or Low".
Asynchronous inputs include the sleep mode enable(ZZ).
Output Enable controls the outputs at any given time.
Write cycles are internally self-timed and initiated by the rising
edge of the clock input. This feature eliminates complex off-chip
write pulse generation
and provides increased timing flexibility for incoming signals.
For read cycles, Flow-Through SRAM allows output data to
simply flow freely from the memory array.
The K7M163625A and K7M161825A are implemented with
SAMSUNG
′s high performance CMOS technology and is avail-
able in 100pin TQFP packages. Multiple power and ground pins
minimize ground bounce.
GENERAL DESCRIPTION
FEATURES
LOGIC BLOCK DIAGRAM
• 3.3V+0.165V/-0.165V Power Supply.
• I/O Supply Voltage 3.3V+0.165V/-0.165V for 3.3V I/O
or 2.5V+0.4V/-0.125V for 2.5V I/O
• Byte Writable Function.
• Enable clock and suspend operation.
• Single READ/WRITE control pin.
• Self-Timed Write Cycle.
• Three Chip Enable for simple depth expansion with no data
contention .
• A interleaved burst or a linear burst mode.
• Asynchronous output enable control.
• Power Down mode.
• TTL-Level Three-State Outputs.
• 100-TQFP-1420A
• Operating in commeical and industrial temperature range.
NtRAM TM and No Turnaround Random Access Memory are trademarks of Samsung.
WE
BWx
CLK
CKE
CS1
CS2
CS2
ADV
OE
ZZ
DQa0 ~ DQd7 or DQa0 ~ DQb8
ADDRESS
ADDRESS
REGISTER
A
0~A′1
36 or 18
DQPa ~ DQPd
BUFFER
DATA-IN
REGISTER
K
REGISTER
BURST
ADDRESS
COUNTER
WRITE
CONTROL
LOGIC
K
A [0:18]or
A [0:19]
LBO
A2~A18 or A2~A19
A0~A1
(x=a,b,c,d or a,b)
512Kx36, 1Mx18
MEMORY
ARRAY
FAST ACCESS TIMES
Parameter
Sym.
-65
-75
Unit
Cycle Time
tCYC
7.5
8.5
ns
Clock Access Time
tCD
6.5
7.5
ns
Output Enable Access Time
tOE
3.5
3.5
ns


Similar Part No. - K7N161845-QC13

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7N161845A-QFCI25/20/16 SAMSUNG-K7N161845A-QFCI25/20/16 Datasheet
279Kb / 24P
   512Kx36 & 1Mx18 Pipelined NtRAM
K7N161845M SAMSUNG-K7N161845M Datasheet
468Kb / 20P
   512Kx36 & 1Mx18-Bit Pipelined NtRAMTM
More results

Similar Description - K7N161845-QC13

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7M163635B SAMSUNG-K7M163635B Datasheet
394Kb / 19P
   512Kx36 & 1Mx18 Flow-Through NtRAM
K7M163625M SAMSUNG-K7M163625M Datasheet
354Kb / 20P
   512Kx36 & 1Mx18 Flow-Through NtRAM-TM
K7N163631B SAMSUNG-K7N163631B_06 Datasheet
565Kb / 25P
   512Kx36 & 1Mx18 Pipelined NtRAM
K7N163601M SAMSUNG-K7N163601M Datasheet
323Kb / 20P
   512Kx36 & 1Mx18-Bit Pipelined NtRAM TM
K7N163631B SAMSUNG-K7N163631B Datasheet
452Kb / 24P
   512Kx36 & 1Mx18 Pipelined NtRAM
DS_K7N163601A SAMSUNG-DS_K7N163601A Datasheet
279Kb / 24P
   512Kx36 & 1Mx18 Pipelined NtRAM
K7M803625B SAMSUNG-K7M803625B Datasheet
375Kb / 18P
   256Kx36 & 512Kx18-Bit Flow Through NtRAM
K7N163645M SAMSUNG-K7N163645M Datasheet
468Kb / 20P
   512Kx36 & 1Mx18-Bit Pipelined NtRAMTM
K7Q163654A SAMSUNG-K7Q163654A Datasheet
510Kb / 17P
   512Kx36-bit, 1Mx18-bit QDR SRAM
K7D163674B SAMSUNG-K7D163674B Datasheet
445Kb / 16P
   512Kx36 & 1Mx18 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com