Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EA20QS10 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # EA20QS10
Description  Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

EA20QS10 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  EA20QS10 Datasheet HTML 1Page - Nihon Inter Electronics Corporation EA20QS10 Datasheet HTML 2Page - Nihon Inter Electronics Corporation EA20QS10 Datasheet HTML 3Page - Nihon Inter Electronics Corporation EA20QS10 Datasheet HTML 4Page - Nihon Inter Electronics Corporation EA20QS10 Datasheet HTML 5Page - Nihon Inter Electronics Corporation EA20QS10 Datasheet HTML 6Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
OUTLINE DRAWING
Maximum Ratings
Approx Net Weight:0.35g
Rating
Symbol
EA20QS10
Unit
Repetitive Peak Reverse Voltage
VRRM
100
V
P.C.Board
mounted *
1.7
Ta=28
°C
Average Rectified
Output Current
-
IO
1.7
Tc=138
°C
50Hz Half Sine Wave
Resistive Load
A
RMS Forward Current
IF(RMS)
2.67
A
Surge Forward Current
IFSM
40
50Hz Half Sine Wave,1cycle,
Non-repetitive
A
Operating JunctionTemperature Range
Tjw
- 40 to + 150
°C
Storage Temperature Range
Tstg
- 40 to + 150
°C
Electrical
• Thermal Characteristics
Characteristics
Symbol
Conditions
Min Typ Max Unit
Peak Reverse Current
IRM
Tj=25
°C,VRM=VRRM
-
-
1.0
mA
Peak Forward Voltage
VFM
Tj=25
°C,IFM= 2 A
-
-
0.85
V
Junction to Ambient
Rth(j-a)
P.C.Board mounted *
-
-
80
°C/W
Thermal
Resistance
Junction to Case
Rth(j-c)
-
-
-
7
°C/W
* Print Land = 20x20 mm
SBD Type :
EA2
EA2
EA2
EA20QS10
0QS10
0QS10
0QS10
FEATURES
* TO-251AA Case
* Low Forward Voltage drop
* Low Power Loss
* High Surge Capability
* 40 Volts thru 100 Volts Types Available


Similar Part No. - EA20QS10

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
EA20QS10 KSS-EA20QS10 Datasheet
702Kb / 7P
   Schottky Barrier Diode
logo
Nihon Inter Electronics...
EA20QS10-F NIEC-EA20QS10-F Datasheet
54Kb / 6P
   Schottky Barrier Diode
logo
Kyocera Kinseki Corpota...
EA20QS10-F KSS-EA20QS10-F Datasheet
704Kb / 7P
   Schottky Barrier Diode
logo
National Instruments Co...
EA20QS10-F_2015 NI-EA20QS10-F_2015 Datasheet
153Kb / 1P
   SBD
EA20QS10_2015 NI-EA20QS10_2015 Datasheet
120Kb / 1P
   SBD
More results

Similar Description - EA20QS10

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com