Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7N163645-QI13 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K7N163645-QI13
Description  512Kx36 & 1Mx18-Bit Flow Through NtRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7N163645-QI13 Datasheet(HTML) 5 Page - Samsung semiconductor

  K7N163645-QI13 Datasheet HTML 1Page - Samsung semiconductor K7N163645-QI13 Datasheet HTML 2Page - Samsung semiconductor K7N163645-QI13 Datasheet HTML 3Page - Samsung semiconductor K7N163645-QI13 Datasheet HTML 4Page - Samsung semiconductor K7N163645-QI13 Datasheet HTML 5Page - Samsung semiconductor K7N163645-QI13 Datasheet HTML 6Page - Samsung semiconductor K7N163645-QI13 Datasheet HTML 7Page - Samsung semiconductor K7N163645-QI13 Datasheet HTML 8Page - Samsung semiconductor K7N163645-QI13 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
512Kx36 & 1Mx18 Flow-Through NtRAMTM
- 5 -
Rev 3.0
Nov. 2003
K7M161825A
K7M163625A
PIN CONFIGURATION(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
100 Pin TQFP
(20mm x 14mm)
N.C.
N.C.
N.C.
VDDQ
VSSQ
N.C.
N.C.
DQb8
DQb7
VSSQ
VDDQ
DQb6
DQb5
VSS
VDD
VDD
VSS
DQb4
DQb3
VDDQ
VSSQ
DQb2
DQb1
DQb0
N.C.
VSSQ
VDDQ
N.C.
N.C.
N.C.
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
A10
N.C.
N.C.
VDDQ
VSSQ
N.C.
DQa0
DQa1
DQa2
VSSQ
VDDQ
DQa3
DQa4
VSS
VSS
VDD
ZZ
DQa5
DQa6
VDDQ
VSSQ
DQa7
DQa8
N.C.
N.C.
VSSQ
VDDQ
N.C.
N.C.
N.C.
K7M161825A(1Mx18)
PIN NAME
Notes : 1. A0 and A1 are the two least significant bits(LSB) of the address field and set the internal burst counter if burst is desired.
SYMBOL
PIN NAME
TQFP PIN NO.
SYMBOL
PIN NAME
TQFP PIN NO.
A 0 - A 19
ADV
WE
CLK
CKE
CS1
CS2
CS2
BW x(x=a,b)
OE
ZZ
LBO
Address Inputs
Address Advance/Load
Read/Write Control Input
Clock
Clock Enable
Chip Select
Chip Select
Chip Select
Byte Write Inputs
Output Enable
Power Sleep Mode
Burst Mode Control
32,33,34,35,36,37,44
45,46,47,48,49,50,80
81,82,83,84,99,100
85
88
89
87
98
97
92
93,94
86
64
31
V DD
V SS
N.C.
DQa0~a8
DQb0~b8
V DDQ
V SSQ
Power Supply(+3.3V)
Ground
No Connect
Data Inputs/Outputs
Data Inputs/Outputs
Output Power Supply
(2.5V or 3.3V)
Output Ground
15,16,41,65,91
14,17,40,66,67,90
1,2,3,6,7,25,28,29,30,
38,39,42,43,51,52,53,
56,57,75,78,79,95,96
58,59,62,63,68,69,72,73,74
8,9,12,13,18,19,22,23,24
4,11,20,27,54,61,70,77
5,10,21,26,55,60,71,76


Similar Part No. - K7N163645-QI13

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7N163645A-QFCI25/20/16 SAMSUNG-K7N163645A-QFCI25/20/16 Datasheet
279Kb / 24P
   512Kx36 & 1Mx18 Pipelined NtRAM
K7N163645M SAMSUNG-K7N163645M Datasheet
468Kb / 20P
   512Kx36 & 1Mx18-Bit Pipelined NtRAMTM
More results

Similar Description - K7N163645-QI13

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7M163635B SAMSUNG-K7M163635B Datasheet
394Kb / 19P
   512Kx36 & 1Mx18 Flow-Through NtRAM
K7M163625M SAMSUNG-K7M163625M Datasheet
354Kb / 20P
   512Kx36 & 1Mx18 Flow-Through NtRAM-TM
K7N163631B SAMSUNG-K7N163631B_06 Datasheet
565Kb / 25P
   512Kx36 & 1Mx18 Pipelined NtRAM
K7N163601M SAMSUNG-K7N163601M Datasheet
323Kb / 20P
   512Kx36 & 1Mx18-Bit Pipelined NtRAM TM
K7N163631B SAMSUNG-K7N163631B Datasheet
452Kb / 24P
   512Kx36 & 1Mx18 Pipelined NtRAM
DS_K7N163601A SAMSUNG-DS_K7N163601A Datasheet
279Kb / 24P
   512Kx36 & 1Mx18 Pipelined NtRAM
K7M803625B SAMSUNG-K7M803625B Datasheet
375Kb / 18P
   256Kx36 & 512Kx18-Bit Flow Through NtRAM
K7N163645M SAMSUNG-K7N163645M Datasheet
468Kb / 20P
   512Kx36 & 1Mx18-Bit Pipelined NtRAMTM
K7Q163654A SAMSUNG-K7Q163654A Datasheet
510Kb / 17P
   512Kx36-bit, 1Mx18-bit QDR SRAM
K7D163674B SAMSUNG-K7D163674B Datasheet
445Kb / 16P
   512Kx36 & 1Mx18 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com