Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7N163601-FI13 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K7N163601-FI13
Description  512Kx36 & 1Mx18-Bit Flow Through NtRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7N163601-FI13 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K7N163601-FI13 Datasheet HTML 5Page - Samsung semiconductor K7N163601-FI13 Datasheet HTML 6Page - Samsung semiconductor K7N163601-FI13 Datasheet HTML 7Page - Samsung semiconductor K7N163601-FI13 Datasheet HTML 8Page - Samsung semiconductor K7N163601-FI13 Datasheet HTML 9Page - Samsung semiconductor K7N163601-FI13 Datasheet HTML 10Page - Samsung semiconductor K7N163601-FI13 Datasheet HTML 11Page - Samsung semiconductor K7N163601-FI13 Datasheet HTML 12Page - Samsung semiconductor K7N163601-FI13 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
512Kx36 & 1Mx18 Flow-Through NtRAMTM
- 9 -
Rev 3.0
Nov. 2003
K7M161825A
K7M163625A
ASYNCHRONOUS TRUTH TABLE
Operation
ZZ
OE
I/O STATUS
Sleep Mode
H
X
High-Z
Read
L
L
DQ
L
H
High-Z
Write
L
X
Din, High-Z
Deselected
L
X
High-Z
Notes
1. X means "Don
t Care".
2. Sleep Mode means power Sleep Mode of which stand-by current does
not depend on cycle time.
3. Deselected means power Sleep Mode of which stand-by current
depends on cycle time.
ABSOLUTE MAXIMUM RATINGS*
*Notes : Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
PARAMETER
SYMBOL
RATING
UNIT
Voltage on VDD Supply Relative to VSS
VDD
-0.3 to 4.6
V
Voltage on Any Other Pin Relative to VSS
V IN
-0.3 to VDD+0.3
V
Power Dissipation
PD
1.6
W
Storage Temperature
TSTG
-65 to 150
°C
Operating Temperature
Commercial
TOPR
0 to 70
°C
Industrial
TOPR
-40 to 85
°C
Storage Temperature Range Under Bias
TBIAS
-10 to 85
°C
CAPACITANCE*(TA=25
°C, f=1MHz)
*Note : Sampled not 100% tested.
PARAMETER
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Input Capacitance
CIN
VIN=0V
-
5
pF
Output Capacitance
COUT
VOUT=0V
-
7
pF
OPERATING CONDITIONS at 3.3V I/O(0
°C ≤ TA ≤ 70°C)
* The above parameters are also guaranteed at industrial temperature range.
PARAMETER
SYMBOL
MIN
Typ.
MAX
UNIT
Supply Voltage
VDD
3.135
3.3
3.465
V
VDDQ
3.135
3.3
3.465
V
Ground
VSS
0
0
0
V
OPERATING CONDITIONS at 2.5V I/O(0
°C ≤ TA ≤ 70°C)
* The above parameters are also guaranteed at industrial temperature range.
PARAMETER
SYMBOL
MIN
Typ.
MAX
UNIT
Supply Voltage
VDD
3.135
3.3
3.465
V
VDDQ
2.375
2.5
2.9
V
Ground
VSS
0
0
0
V


Similar Part No. - K7N163601-FI13

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7N163601A-QFCI25/20/16 SAMSUNG-K7N163601A-QFCI25/20/16 Datasheet
279Kb / 24P
   512Kx36 & 1Mx18 Pipelined NtRAM
K7N163601M SAMSUNG-K7N163601M Datasheet
323Kb / 20P
   512Kx36 & 1Mx18-Bit Pipelined NtRAM TM
More results

Similar Description - K7N163601-FI13

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7M163635B SAMSUNG-K7M163635B Datasheet
394Kb / 19P
   512Kx36 & 1Mx18 Flow-Through NtRAM
K7M163625M SAMSUNG-K7M163625M Datasheet
354Kb / 20P
   512Kx36 & 1Mx18 Flow-Through NtRAM-TM
K7N163631B SAMSUNG-K7N163631B_06 Datasheet
565Kb / 25P
   512Kx36 & 1Mx18 Pipelined NtRAM
K7N163601M SAMSUNG-K7N163601M Datasheet
323Kb / 20P
   512Kx36 & 1Mx18-Bit Pipelined NtRAM TM
K7N163631B SAMSUNG-K7N163631B Datasheet
452Kb / 24P
   512Kx36 & 1Mx18 Pipelined NtRAM
DS_K7N163601A SAMSUNG-DS_K7N163601A Datasheet
279Kb / 24P
   512Kx36 & 1Mx18 Pipelined NtRAM
K7M803625B SAMSUNG-K7M803625B Datasheet
375Kb / 18P
   256Kx36 & 512Kx18-Bit Flow Through NtRAM
K7N163645M SAMSUNG-K7N163645M Datasheet
468Kb / 20P
   512Kx36 & 1Mx18-Bit Pipelined NtRAMTM
K7Q163654A SAMSUNG-K7Q163654A Datasheet
510Kb / 17P
   512Kx36-bit, 1Mx18-bit QDR SRAM
K7D163674B SAMSUNG-K7D163674B Datasheet
445Kb / 16P
   512Kx36 & 1Mx18 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com