Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EA60QC04 Datasheet(PDF) 6 Page - Nihon Inter Electronics Corporation

Part # EA60QC04
Description  Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

EA60QC04 Datasheet(HTML) 6 Page - Nihon Inter Electronics Corporation

  EA60QC04 Datasheet HTML 1Page - Nihon Inter Electronics Corporation EA60QC04 Datasheet HTML 2Page - Nihon Inter Electronics Corporation EA60QC04 Datasheet HTML 3Page - Nihon Inter Electronics Corporation EA60QC04 Datasheet HTML 4Page - Nihon Inter Electronics Corporation EA60QC04 Datasheet HTML 5Page - Nihon Inter Electronics Corporation EA60QC04 Datasheet HTML 6Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SURGE CURRENT RATINGS
EA60QC04/EA60QC04-F
f=50Hz,Sine Wave,Non-Repetitive,No Load
0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
0
10
20
30
40
50
0.02s
I FSM
JUNCTION CAPACITANCE VS. REVERSE VOLTAGE
EA60QC04/EA60QC04-F (per Arm)
Tj=2 5° C,V m = 20m V RM S,f= 100 kHz ,Ty pica l V alue
0.5
1
2
5
10
20
50
REVERSE VOLTAGE (V)
50
100
200
500


Similar Part No. - EA60QC04

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
EA60QC04 KSS-EA60QC04 Datasheet
766Kb / 7P
   Schottky Barrier Diode
logo
Nihon Inter Electronics...
EA60QC04-F NIEC-EA60QC04-F Datasheet
32Kb / 2P
   Low Forward Voltage drop Diode
logo
Kyocera Kinseki Corpota...
EA60QC04-F KSS-EA60QC04-F Datasheet
805Kb / 7P
   Schottky Barrier Diode
logo
National Instruments Co...
EA60QC04-F_2015 NI-EA60QC04-F_2015 Datasheet
173Kb / 1P
   SBD
EA60QC04_2015 NI-EA60QC04_2015 Datasheet
140Kb / 1P
   SBD
More results

Similar Description - EA60QC04

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com